Electronic Components Datasheet Search
  English  ▼

X  

C11347-REGINA Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11347-REGINA
Description  PRODUCT DATASHEET Regina series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11347-REGINA Datasheet(HTML) 1 Page - Ledil, Inc.

  C11347-REGINA Datasheet HTML 1Page - Ledil, Inc. C11347-REGINA Datasheet HTML 2Page - Ledil, Inc. C11347-REGINA Datasheet HTML 3Page - Ledil, Inc. C11347-REGINA Datasheet HTML 4Page - Ledil, Inc. C11347-REGINA Datasheet HTML 5Page - Ledil, Inc. C11347-REGINA Datasheet HTML 6Page - Ledil, Inc. C11347-REGINA Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT DATASHEET
Regina series
last update 19/5/2016
Product number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
C11347_REGINA
Regina
Reflector
XP-G
Metal
19 mm
15.3 mm
Round
PC
-
["pin", "glue"]
Production ready
FWHM
Efficiency
cd/lm
Gerber File
10 degrees
86 %
-
Available
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
September 21st 2017 7:33 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C11347-REGINA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C11347 CREE-C11347 Datasheet
835Kb / 12P
Regina series
logo
Ledil, Inc.
C11347 LEDIL-C11347 Datasheet
3Mb / 6P
~9째 spot beam
More results

Similar Description - C11347-REGINA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL2303 ETC1-PL2303 Datasheet
144Kb / 11P
PL-2303 USB to RS-232 Bridge Controller Product Datasheet
FR25A ETC1-FR25A Datasheet
391Kb / 2P
LEXAN FR25A FILM PRODUCT DATASHEET
logo
Lumileds Lighting Compa...
CA13509_STRADA-SQ-T2 LUMILEDS-CA13509_STRADA-SQ-T2 Datasheet
1Mb / 19P
PRODUCT DATASHEET Strada-SQ series
logo
Macronix International
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
DATASHEET
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
DATASHEET
logo
Cree, Inc
C11347 CREE-C11347 Datasheet
835Kb / 12P
Regina series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com