Electronic Components Datasheet Search
  English  ▼

X  

BT09VG Datasheet(PDF) 3 Page - BeRex Corporation

Part # BT09VG
Description  5-4000 MHz Wideband Medium Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT09VG Datasheet(HTML) 3 Page - BeRex Corporation

  BT09VG_16 Datasheet HTML 1Page - BeRex Corporation BT09VG_16 Datasheet HTML 2Page - BeRex Corporation BT09VG_16 Datasheet HTML 3Page - BeRex Corporation BT09VG_16 Datasheet HTML 4Page - BeRex Corporation BT09VG_16 Datasheet HTML 5Page - BeRex Corporation BT09VG_16 Datasheet HTML 6Page - BeRex Corporation BT09VG_16 Datasheet HTML 7Page - BeRex Corporation BT09VG_16 Datasheet HTML 8Page - BeRex Corporation BT09VG_16 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
S-Parameter
(Vdevice = 5.0V, Icc = 160mA, T = 25 °C, calibrated to device leads)
5-4000 MHz Wideband Medium Power Amplifier
BT09VG
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
100
0.65
-180.00
16.00
170.00
0.03
2.50
0.30
-170.00
500
0.74
180.00
11.00
130.00
0.03
8.90
0.38
-170.00
1000
0.79
170.00
7.00
98.00
0.03
14.00
0.42
180.00
1500
0.81
150.00
5.00
82.00
0.03
18.00
0.44
170.00
2000
0.83
140.00
3.90
69.00
0.04
19.00
0.46
170.00
2500
0.85
130.00
3.20
57.00
0.04
19.00
0.45
160.00
3000
0.88
120.00
2.80
46.00
0.04
18.00
0.45
150.00
3500
0.92
110.00
2.50
35.00
0.04
14.00
0.48
140.00
4000
0.96
98.00
2.20
23.00
0.05
11.00
0.51
140.00
BeRex
●website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com