Electronic Components Datasheet Search
  English  ▼

X  

BZT52C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BZT52C
Description  500mW SOD-123 Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZT52C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BZT52C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZT52C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZT52C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BZT52C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
BZT52C Series
500mW
SOD-123
Surface Mount Zener Diodes
02-Dec-2016 Rev. E
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Standard Zener Breakdown Voltage Range: 2.4V to
43V
Steady State Power Rating of 500 mW
Small Body Outline Dimensions: 3.70 mm x 1.60 mm
Low Body Height: 1.05 mm
Package Weight: 10.00 mg / unit
ESD Rating of Class 3 ( > 16 KV ) per Human Body
Model
MECHANICAL DATA
Case: SOD-123, Void-Free, Transfer-Molded Plastic.
Finish: All External Surfaces are Corrosion Resistant.
Maximum Case Temperature for Soldering Purpose:
260 ℃ for 10 Seconds
Polarity: Cathode Indicated by Polarity Band
Flammability Rating: UL94V-0
Mounting Position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123
3K
7’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Forward Voltage @ IF=10mA
2
VF
0.9
V
Power Dissipation
1, Derate above 25°C
PD
500
mW
Thermal Resistance Junction to Ambient Air
RθJA
357
°C / W
Operating and Storage Temperature Range
TJ, TSTG
-65 ~ 150
°C
Note:
1.
Device mounted on ceramic PCB; 7.6mm×9.4mm×0.87mm with pad areas 25mm
2.
2.
Short duration test pulse used in minimize self-heating effect.
3.
f = 1 K Hz.
SOD-123


Similar Part No. - BZT52C

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
logo
Daya Electric Group Co....
BZT52C DAYA-BZT52C Datasheet
230Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Luguang Electr...
BZT52C LUGUANG-BZT52C Datasheet
143Kb / 3P
0.5W Zener Diodes
logo
GUANGDONG HOTTECH INDUS...
BZT52C HOTTECH-BZT52C Datasheet
285Kb / 3P
ZENER DIODES
logo
DIYI Electronic Technol...
BZT52C DYELEC-BZT52C Datasheet
539Kb / 4P
Plastic-Encapsulate Zener Diode
More results

Similar Description - BZT52C

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW_09 Datasheet
239Kb / 5P
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ5221CW TAK_CHEONG-MMSZ5221CW Datasheet
233Kb / 5P
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
logo
Yea Shin Technology Co....
MMSZ2V4 YEASHIN-MMSZ2V4 Datasheet
1Mb / 4P
500mW SOD-123 SURFACE MOUNT
MMSZ5221B YEASHIN-MMSZ5221B Datasheet
1Mb / 4P
500mW SOD-123 SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
BZT52B SECOS-BZT52B Datasheet
299Kb / 3P
350mW, SOD-123 Series Surface Mount Zener Diodes
MMSZ52XXB SECOS-MMSZ52XXB Datasheet
465Kb / 3P
500mW, SOD-123 Series Surface Mount Zener Diodes
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
500mW, SOD-123LH Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
MMSZ2V0BW JUXING-MMSZ2V0BW Datasheet
517Kb / 3P
500mW SOD-123 SURFACE MOUNT
logo
First Silicon Co., Ltd
BZT52C2V4 FS-BZT52C2V4 Datasheet
196Kb / 3P
Zener Diode 500mW SOD-123 Surface Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com