Electronic Components Datasheet Search
  English  ▼

X  

CZD3303 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # CZD3303
Description  NPN Epitaxial Planar Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

CZD3303 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  CZD3303 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH CZD3303 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
CZD3303
NPN Epitaxial Planar Silicon Transistor
04-Nov-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Speed Switching Time
Low Collector Saturation Voltage
CLASSIFICATION OF hFE
Rank
CZD3303-O
CZD3303-Y
Range
70~140
120~240
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
80
V
Emitter to Base Voltage
VEBO
7
V
Collector Current
IC
5
A
Collector Power Dissipation
PC
1
W
Thermal Resistance Junction to Ambient
RθJA
125
°C / W
Junction and Storage Temperature
TJ,TSTG
150, -55 ~ 150
℃
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
100
-
-
V
IC=100µA, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
80
-
-
V
IC=10mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
7
-
-
V
IE=100µA, IC=0
Collector cut-off current
ICBO
-
-
1
µA
VCB=100V, IE=0
Emitter cut-off current
IEBO
-
-
1
µA
VEB=7V, IC=0
70
-
240
VCE=1V, IC=1A
DC current gain
1
hFE
40
-
-
VCE=1V, IC=3A
Collector-emitter saturation voltage
VCE(sat)
-
-
0.4
V
IC=3A, IB=0.15A
Base-emitter saturation voltage
VBE(sat)
-
-
1.2
V
VCE=3V, IC=0.15A
Collector output capacitance
Cob
-
80
-
pF
VCE=10V, IE=0, f=1MHz
Transition frequency
fT
-
20
-
MHz
VCE=4V, IC= 1A
TO-252 (D-Pack)
A
C
D
N
O
P
G E
F
H
K
J
M
B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.90
J
2.30 REF.
B
4.95
5.50
K
0.64
1.14
C
2.10
2.50
M
0.50
1.14
D
0.43
0.9
N
1.3
1.8
E
6.0
7.5
O
0
0.13
F
2.80 REF
P
0.58REF.
G
5.40
6.40
H
0.60
1.20
1. Base
2. Collector
3. Emitter


Similar Part No. - CZD3303

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
CZD3303 SECOS-CZD3303_15 Datasheet
249Kb / 2P
NPN Epitaxial Planar Silicon Transistor
More results

Similar Description - CZD3303

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com