Electronic Components Datasheet Search
  English  ▼

X  

SN54AC14 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN54AC14
Description  HEX SCHMITT-TRIGGER INVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AC14 Datasheet(HTML) 3 Page - Texas Instruments

  SN54AC14 Datasheet HTML 1Page - Texas Instruments SN54AC14 Datasheet HTML 2Page - Texas Instruments SN54AC14 Datasheet HTML 3Page - Texas Instruments SN54AC14 Datasheet HTML 4Page - Texas Instruments SN54AC14 Datasheet HTML 5Page - Texas Instruments SN54AC14 Datasheet HTML 6Page - Texas Instruments SN54AC14 Datasheet HTML 7Page - Texas Instruments SN54AC14 Datasheet HTML 8Page - Texas Instruments SN54AC14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN54AC14, SN74AC14
HEX SCHMITT TRIGGER INVERTERS
SCAS522F − AUGUST 1995 − REVISED OCTOBER 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AC14
SN74AC14
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VT+
3 V
0.8
1.8
2.2
0.8
2.2
0.8
2.2
VT+
Positive-going
threshold
4.5 V
1.5
2.6
3.2
1.5
3.2
1.5
3.2
V
Positive-going
threshold
5.5 V
1.6
3.2
3.9
1.6
3.9
1.6
3.9
V
VT−
3 V
0.5
0.8
1
0.5
1
0.5
1
VT−
Negative-going
threshold
4.5 V
0.9
1.4
1.8
0.9
1.8
0.9
1.8
V
Negative-going
threshold
5.5 V
1.1
1.8
2.3
1.1
2.3
1.1
2.3
V
∆VT
3 V
0.3
1
1.2
0.3
1.2
0.3
1.2
∆VT
Hysteresis
(V
− V
)
4.5 V
0.4
1.2
1.4
0.4
1.4
0.4
1.4
V
Hysteresis
(VT+ − VT−)
5.5 V
0.5
1.4
1.6
0.5
1.6
0.5
1.6
V
3 V
2.9
2.9
2.9
IOH = −50 µA
4.5 V
4.4
4.4
4.4
IOH = −50 µA
5.5 V
5.4
5.4
5.4
VOH
IOH = −12 mA
3 V
2.56
2.4
2.48
V
VOH
IOH = −24 mA
4.5 V
3.86
3.7
3.8
V
IOH = −24 mA
5.5 V
4.86
4.7
4.8
IOH = −50 mA†
5.5 V
3.85
IOH = −75 mA†
5.5 V
3.85
3 V
0.002
0.1
0.1
0.1
IOL = 50 µA
4.5 V
0.001
0.1
0.1
0.1
IOL = 50 µA
5.5 V
0.001
0.1
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.5
0.44
V
VOL
IOL = 24 mA
4.5 V
0.36
0.5
0.44
V
IOL = 24 mA
5.5 V
0.36
0.5
0.44
IOL = 50 mA†
5.5 V
1.65
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
40
20
µA
Ci
VI = VCC or GND
5 V
4.5
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V " 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54AC14
SN74AC14
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
6
13.5
1
16
1.5
15
ns
tPHL
A
Y
1.5
6
11.5
1
14
1.5
13
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com