Electronic Components Datasheet Search
  English  ▼

X  

KS05N2 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # KS05N2
Description  90W, 5V Integrated ESD Protection Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KS05N2 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  KS05N2 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KS05N2 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH KS05N2 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH KS05N2 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
KS05 2
90W, 5V
Integrated ESD Protection Array
13-Jan-2017 Rev. A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C,I/O to GND unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Working Voltage
3
VRWM
-
-
5
V
6
-
10
V
IT=1mA
Reverse Breakdown Voltage
VBR
5
-
12
V
IT=1mA, VCC to GND
Reverse Leakage Current
IR
-
-
1
µA
VRWM=5V, I/O&VCC to GND
Forward voltage
VF
0.4
-
1.5
V
IF=10mA, I/O&VCC to GND
-
-
13
IPP=1A, I/O&VCC to GND
Clamping Voltage
2
VC
-
-
25
V
IPP=3.5A, I/O&VCC to GND
-
-
0.8
VR=0V, f=1MHz
Junction Capacitance
CJ
-
-
0.4
pF
VR=0V, f=1MHz, I/O to I/O
Notes :
1.
Device stressed with ten non-repetitive ESD pulses.
2.
Non-repetitive current pulse 8/20µs exponential decay waveform according to IEC61000-4-5.
3.
Other voltages available upon request.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com