Electronic Components Datasheet Search
  English  ▼

X  

M28ST-B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # M28ST-B
Description  1A , 40V NPN Plastic Encapsulated Elektronische Bauelemente Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

M28ST-B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  M28ST-B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M28ST
1A , 40V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
29-May-2012 Rev.A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
High DC Current Gain and Large Current Capability
CLASSIFICATION OF hFE (1)
Product-Rank
M28ST-B
M28ST-C
M28ST-D
Range
300~550
500~700
650~1000
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
20
V
Emitter to Base Voltage
VEBO
6
V
Collector Currrent
IC
1
A
Total Power Dissipation
PD
0.625
W
Thermal Resistance From Junction
RθJA
200
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base Breakdown Voltage
V(BR)CBO
40
-
-
V
IC =100µA, IE =0
Collector-emitter Breakdown Voltage
V(BR)CEO
20
-
-
V
IC =1mA, IB =0
Emitter-base Breakdown Voltage
V(BR)EBO
60
-
-
V
IE =100µA, IC =0
Collector Cut-off Current
ICBO
-
-
1
µA
VCB =40V, IE=0
Collector Cut-off Current
ICEO
-
-
5
µA
VCE =20V, IB = 0
Emitter Cut-off Current
IEBO
-
-
0.1
µA
VEB =5V, IC = 0
DC Current Gain
hFE
290
-
-
VCE =1V, IC =1mA
300
-
1000
VCE =1V, IC =100mA
300
-
-
VCE =10V, IC =300mA
Collector-emitter Saturation Voltage
VCE(sat)
-
-
0.55
V
IC =600mA, IB =20mA
Transition Frequency
f T
100
-
-
MHz
VCE =10V, IE=50mA, f=30MHz
TO-92
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.70
F
0.30
0.51
B
4.30
4.70
G
1.27 TYP.
C
12.70
-
H
1.10
1.40
D
3.30
3.81
J
2.42
2.66
E
0.36
0.56
K
0.36
0.76


Similar Part No. - M28ST-B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
M28ST SECOS-M28ST_15 Datasheet
59Kb / 1P
NPN Plastic Encapsulated Transistor
More results

Similar Description - M28ST-B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
3DD13003B SECOS-3DD13003B Datasheet
523Kb / 2P
NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
M28S SECOS-M28S Datasheet
59Kb / 1P
1A , 40V NPN Plastic Encapsulated Transistor
2SD1005 SECOS-2SD1005_15 Datasheet
78Kb / 1P
NPN Plastic Encapsulated Elektronische Bauelemente Transistor
2SD1271A SECOS-2SD1271A_15 Datasheet
595Kb / 2P
NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
2SC2383 SECOS-2SC2383_15 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Elektronische Bauelemente Transistor
BC212 SECOS-BC212_15 Datasheet
72Kb / 1P
PNP Plastic Encapsulated Elektronische Bauelemente Transistor
BCPA1666 SECOS-BCPA1666_15 Datasheet
78Kb / 1P
PNP Plastic Encapsulated Elektronische Bauelemente Transistor
KTC1027 SECOS-KTC1027_15 Datasheet
57Kb / 1P
NPN Plastic Encapsulated Elektronische Bauelemente Transistor
MPSA55 SECOS-MPSA55_15 Datasheet
66Kb / 1P
PNP Plastic Encapsulated Elektronische Bauelemente Transistor
SCS221T SECOS-SCS221T_15 Datasheet
153Kb / 2P
Plastic-Encapsulated Elektronische Bauelemente Switching Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com