Electronic Components Datasheet Search
  English  ▼

X  

M8050T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # M8050T
Description  40V, 0.8A NPN Plastic Encapsulate Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

M8050T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  M8050T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M8050T
40V, 0.8A
NPN Plastic Encapsulate Transistor
Elektronische Bauelemente
29-Jan-2013 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
2
Base
1
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Power dissipation
MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
40
V
Collector - Emitter Voltage
VCEO
25
V
Emitter - Base Voltage
VEBO
6
V
Collector Current - Continuous
IC
0.8
A
Collector Power Dissipation
PC
625
mW
Junction, Storage Temperature
TJ, TSTG
125, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector-Base Breakdown Voltage
IC =100µA, IE =0
V(BR)CBO
40
-
-
V
Collector-Emitter Breakdown Voltage
1
IC =1mA, IB =0
V(BR)CEO
25
-
-
V
Emitter-Base Breakdown Voltage
IE =100µA, IC =0
V(BR)EBO
6
-
-
V
Collector Cut-Off Current
VCB=35V, IE=0
ICBO
-
-
0.1
µA
Emitter Cut-Off Current
VCE=20V, IB=0
ICEO
-
-
0.1
µA
DC Current Gain
VCE=1V, IC=5mA
hFE1
45
-
-
VCE=1V, IC=100mA
hFE2
80
-
400
VCE=1V, IC=800mA
hFE3
40
-
-
Collector-Emitter Saturation Voltage
IC=800mA, IB=80mA
VCE(sat)
-
-
0.5
V
Base-Emitter Saturation Voltage
IC=800mA, IB=80mA
VBE(sat)
-
-
1.2
V
Transition frequency
VCE=6V, IC=20mA, f=30MHz
fT
150
-
-
MHz
Note:
1.
Pulse test:pulse width
300
S, duty cycle
2%.
≦
≦
≦
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.70
F
0.30
0.51
B
4.30
4.70
G
1.27 TYP.
C
12.70
-
H
1.10
1.40
D
3.30
3.81
J
2.42
2.66
E
0.36
0.56
K
0.36
0.76
1
1
1
1 Emitter
2
2
2
2 Base
3
3
3
3 Collector
TO-92


Similar Part No. - M8050T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
M8050T SECOS-M8050T_15 Datasheet
64Kb / 1P
NPN Plastic Encapsulate Transistor
More results

Similar Description - M8050T

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2235TM SECOS-2SC2235TM Datasheet
752Kb / 2P
0.8A , 120V NPN Plastic Encapsulated Transistor
2SC5344 SECOS-2SC5344 Datasheet
298Kb / 2P
0.8A , 35V NPN Plastic-Encapsulate Transistor
KTC3265 SECOS-KTC3265 Datasheet
226Kb / 2P
0.8A , 35V NPN Plastic Encapsulated Transistor
logo
Micro Commercial Compon...
MMSS8050-L MCC-MMSS8050-L_13 Datasheet
200Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor Collector-base Voltage 40V
logo
SeCoS Halbleitertechnol...
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
3DD13002 SECOS-3DD13002 Datasheet
297Kb / 2P
0.8A, 600V NPN Plastic-Encapsulated Transistor
BCP882J SECOS-BCP882J Datasheet
549Kb / 2P
3A , 40V P Plastic-Encapsulate Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com