Electronic Components Datasheet Search
  English  ▼

X  

RT5509 Datasheet(PDF) 49 Page - Richtek Technology Corporation

Part # RT5509
Description  Speaker Amplifier with Speaker Protection
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509 Datasheet(HTML) 49 Page - Richtek Technology Corporation

Back Button RT5509 Datasheet HTML 45Page - Richtek Technology Corporation RT5509 Datasheet HTML 46Page - Richtek Technology Corporation RT5509 Datasheet HTML 47Page - Richtek Technology Corporation RT5509 Datasheet HTML 48Page - Richtek Technology Corporation RT5509 Datasheet HTML 49Page - Richtek Technology Corporation RT5509 Datasheet HTML 50Page - Richtek Technology Corporation RT5509 Datasheet HTML 51Page - Richtek Technology Corporation RT5509 Datasheet HTML 52Page - Richtek Technology Corporation RT5509 Datasheet HTML 53Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5509-00
August
2017
www.richtek.com
49
ADDR Byte
Bits
R/W
Name
Description
Default
0xD1
16
127:122
Reserved
121:96
R/W
DRC_AE
DRC_AE[25:0]
26'h0800000
95:90
Reserved
89:64
R/W
DRC_1_AE
DRC_1_AE[25:0]
26'h0000000
63:58
Reserved
57:32
R/W
DRC_AA
DRC_AA[25:0]
26'h0800000
31:26
Reserved
25:0
R/W
DRC_AD
DRC_AD[25:0]
26'h0800000
0xD2
7
55
R/W
DRC_RMS
0 : RMS
1 : Peak
0
54:52
R/W
DRC_KNEE[2:0]
3'b000
51:50
Reserved
49:40
R/W
DRC_TH0[9:0]
1. 0 to
127dB, 0.125dB per step
2. 10'h000 is 0dB
3. value definiton is 7.3
10'h000
39:34
Reserved
33:24
R/W
DRC_TH1[9:0]
1. 0 to
127dB, 0.125dB per step
2. 10'h000 is 0dB
10'h000
23:16
R/W
DRC_OFF[7:0]
1. +24dB to
24dB
2. 0.25dB per step
3. value definiton is 6.2, MSB is sign
bit.
8'h00
15:13
Reserved
12:8
R/W
DRC_R0[4:0]
1. 0 to 1
2. 5'h10 is 1
5'h10
7
Reserved
6:0
R/W
DRC_R1[6:0]
1. 1 to 8
2. 7'h10 is 1
7'h10
0xD3
20
159:128
R/W
bq_1_b0
u[31:26], b0[25:0]
32'h00800000
127:96
R/W
bq_1_b1
u[31:26], b1[25:0]
32'h00000000
95:64
R/W
bq_1_b2
u[31:26], b2[25:0]
32'h00000000
63:32
R/W
bq_1_a1
u[31:26], a1[25:0]
32'h00000000
31:0
R/W
bq_1_a2
u[31:26], a2[25:0]
32'h00000000
0xD4
20
159:128
R/W
bq_2_b0
u[31:26], b0[25:0]
32'h00800000
127:96
R/W
bq_2_b1
u[31:26], b1[25:0]
32'h00000000
95:64
R/W
bq_2_b2
u[31:26], b2[25:0]
32'h00000000
63:32
R/W
bq_2_a1
u[31:26], a1[25:0]
32'h00000000
31:0
R/W
bq_2_a2
u[31:26], a2[25:0]
32'h00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com