Electronic Components Datasheet Search
  English  ▼

X  

MJE172 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MJE172
Description  PNP General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MJE172 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MJE172 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MJE172 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MJE172 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MJE170 / MJE171 / MJE172
PNP General Purpose Transistor
Elektronische Bauelemente
25-Nov-2010 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Low frequency amplifier
Low current
High speed switching applications
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector - Base Voltage
MJE170
VCBO
-60
V
MJE171
-80
MJE172
-100
Collector - Emitter Voltage
MJE170
VCEO
-40
V
MJE171
-60
MJE172
-80
Emitter - Base Voltage
VEBO
-7
V
Collector Current -Continuous
IC
-3
A
Cpllector Power Dissipation
PC
1.5
W
Junction, Storage Temperature
TJ, TSTG
+150, -65 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector - Base Breakdown
Voltage
MJE170
V(BR)CBO
-60
-
-
V
IC = -1mA, IE = 0
MJE171
-80
-
-
MJE172
-100
-
-
Collector - Emitter Breakdown
Voltage
MJE170
V(BR)CEO
-40
-
-
V
IC = -10 mA, IB = 0
MJE171
-60
-
-
MJE172
-80
-
-
Emitter - Base Breakdown Voltage
V(BR)EBO
-7
-
-
V
IE = -1mA, IC = 0
Collector Cut - Off Current
MJE170
ICBO
-
-
-0.1
A
VCB = -60V, IE = 0
MJE171
-
-
-0.1
VCB = -80V, IE = 0
MJE172
-
-
-0.1
VCB = -100V, IE = 0
TO-126
Emitter
Collector
Base
C
D
B
A
E
N
F
L
G
K
J
H
M
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
7.40
7.80
H
1.10
1.50
B
2.50
2.90
J
0.45
0.60
C
10.60
11.00
K
0.66
0.86
D
15.30
15.70
L
2.10
2.30
E
3.70
3.90
M
1.17
1.37
F
3.90
4.10
N
3.00
3.20
G
2.29 TYP.


Similar Part No. - MJE172

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE172 MOSPEC-MJE172 Datasheet
228Kb / 4P
POWER TRANSISTORS(3.0A,40-80V,12.5W)
logo
Motorola, Inc
MJE172 MOTOROLA-MJE172 Datasheet
172Kb / 4P
3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
logo
ON Semiconductor
MJE172 ONSEMI-MJE172 Datasheet
172Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 2
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172 Datasheet
54Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Sep-1998
logo
Samsung semiconductor
MJE172 SAMSUNG-MJE172 Datasheet
193Kb / 5P
PNP (LOW FREQUENCY AMPLIFIER)
More results

Similar Description - MJE172

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
PNP general purpose transistor
1999 May 18
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Rohm
UMT3906 ROHM-UMT3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT589 BILIN-MMBT589 Datasheet
198Kb / 4P
PNP General Purpose Transistor
logo
Chenmko Enterprise Co. ...
2SA1037MPT CHENMKO-2SA1037MPT Datasheet
136Kb / 3P
General Purpose PNP Transistor
logo
Weitron Technology
2SB1116 WEITRON-2SB1116 Datasheet
505Kb / 4P
PNP General Purpose Transistor
logo
ON Semiconductor
NST857BF3T5G ONSEMI-NST857BF3T5G Datasheet
96Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
NST3906F3T5G ONSEMI-NST3906F3T5G Datasheet
98Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com