Electronic Components Datasheet Search
  English  ▼

X  

RT9746 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9746
Description  VBUS OVP with a PTVS Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9746 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9746 Datasheet HTML 1Page - Richtek Technology Corporation RT9746 Datasheet HTML 2Page - Richtek Technology Corporation RT9746 Datasheet HTML 3Page - Richtek Technology Corporation RT9746 Datasheet HTML 4Page - Richtek Technology Corporation RT9746 Datasheet HTML 5Page - Richtek Technology Corporation RT9746 Datasheet HTML 6Page - Richtek Technology Corporation RT9746 Datasheet HTML 7Page - Richtek Technology Corporation RT9746 Datasheet HTML 8Page - Richtek Technology Corporation RT9746 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT9746
5
DS9746-00 March 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
RT9746
A2, A3, B2
VOUT
GND_PTVS
VIN
B1
B3, C2, C3
WRNB
OVPFB
C1
R2
R1
0.1µF
Adaptor
1µF
Charger
Processor
VDDIO
GND
A4, B4, C4
A1
CIN
COUT
R3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com