Electronic Components Datasheet Search
  English  ▼

X  

MM5Z2V4T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MM5Z2V4T
Description  150mW , SOT-523 Surface Mount Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MM5Z2V4T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MM5Z2V4T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MM5Z2V4T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MM5ZxxxT Series
150mW , SOT-523
Surface Mount Zener Diodes
Elektronische Bauelemente
29-Feb-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
2
2
2
2
3
3
3
3
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.75
0.85
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.25
M
0.25
0.325
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
150mW Power Dissipation Rating.
Ultra-Small Surface Mount Package
Planar Die Construction
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-523
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Forward Voltage
IF=10mA
VF
0.9
V
Power Dissipation
1
PD
150
mW
Thermal Resistance, Junction to Ambient Air
1
RθJA
833
°C / W
Operating and Storage Temperature Range
TJ, TSTG
-65~150
°C
Notes:
1.
Device mounted on FR-4 PC board with recommended pad layout.
2.
No purposefully added lead.
SOT-523


Similar Part No. - MM5Z2V4T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MM5Z2V4T SECOS-MM5Z2V4T Datasheet
61Kb / 2P
Surface Mount Zener Diodes
logo
ON Semiconductor
MM5Z2V4T1 ONSEMI-MM5Z2V4T1 Datasheet
49Kb / 4P
Zener Voltage Regulators
July, 2004 ??Rev. 2
MM5Z2V4T1 ONSEMI-MM5Z2V4T1 Datasheet
53Kb / 4P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
logo
CHENG-YI ELECTRONIC CO....
MM5Z2V4T1 CHENG-YI-MM5Z2V4T1 Datasheet
143Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
ON Semiconductor
MM5Z2V4T1G ONSEMI-MM5Z2V4T1G Datasheet
53Kb / 4P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
More results

Similar Description - MM5Z2V4T

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
MMBZ52 JGD-MMBZ52 Datasheet
96Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Diodes Incorporated
MMBZ5221BT DIODES-MMBZ5221BT Datasheet
65Kb / 3P
150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. C-2
logo
SeCoS Halbleitertechnol...
MT5ZXXX SECOS-MT5ZXXX Datasheet
1Mb / 4P
200mW , SOD-523 Surface Mount Zener Diodes
logo
Cystech Electonics Corp...
ZD5221BC2 CYSTEKEC-ZD5221BC2 Datasheet
253Kb / 6P
150mW SOD-523 Zener Voltage Regulators
logo
Yea Shin Technology Co....
BAV70T YEASHIN-BAV70T Datasheet
483Kb / 2P
150mW SOT-523 SURFACE MOUNT Plastic Package Fast Switching Diode
BAV99T YEASHIN-BAV99T Datasheet
483Kb / 2P
150mW SOT-523 SURFACE MOUNT
BAW56T YEASHIN-BAW56T Datasheet
483Kb / 2P
150mW SOT-523 SURFACE MOUNT
logo
E-CMOS Corporation
ECCZD5Z2V4 E-CMOS-ECCZD5Z2V4 Datasheet
316Kb / 6P
150mW Surface Mount Zener Diodes-2.4V-75V
logo
Shanghai Leiditech Elec...
LMDAN222 LEIDITECH-LMDAN222 Datasheet
466Kb / 2P
150mW SOT-523 SURFACE MOUNT Plastic Package Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com