Electronic Components Datasheet Search
  English  ▼

X  

MPSA55 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MPSA55
Description  -0.5A , -60V PNP Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MPSA55 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MPSA55 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MPSA55
-0.5A , -60V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
16-Nov-2012 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
2
Base
1
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
General Purpose Amplification.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-60
V
Emitter to Base Voltage
VEBO
-4
V
Collector Current - Continuous
IC
-0.5
A
Collector Power Dissipation
PC
625
mW
Thermal Resistance From Junction To Ambient
RθJA
200
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
-60
-
-
V
IC= -0.1mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-60
-
-
V
IC= -1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-4
-
-
V
IE= -0.1mA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
µA
VCB= -60V, IE=0
Collector cut-off current
ICEO
-
-
-0.1
µA
VCE= -60V, IB=0
Emitter Cut-Off Current
IEBO
-
-
-0.1
µA
VEB= -4V, IC=0
DC Current Gain
hFE
100
-
-
VCE= -1V, IC= -10mA
100
-
-
VCE= -1V, IC= -100mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-0.25
V
IC= -100mA, IB= -10mA
Base to Emitter Voltage
VBE
-
-
-1.2
V
IC= -100mA, VCE= -1V
Transition Frequency
fT
50
-
-
MHz
VCE= -1V, IC= -100mA,
f=100MHz
TO-92
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.70
F
0.30
0.51
B
4.30
4.70
G
1.27 TYP.
C
12.70
-
H
1.10
1.40
D
3.30
3.81
J
2.42
2.66
E
0.36
0.56
K
0.36
0.76
1
1
1
1Emitter
2
2
2
2Base
3
3
3
3Collector


Similar Part No. - MPSA55

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA55 MOTOROLA-MPSA55 Datasheet
239Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
MPSA55 ONSEMI-MPSA55 Datasheet
111Kb / 8P
Amplifier Transistors
October, 2001 ??Rev. 1
logo
Fairchild Semiconductor
MPSA55 FAIRCHILD-MPSA55 Datasheet
1Mb / 13P
PNP General Purpose Amplifier
logo
KEC(Korea Electronics)
MPSA55 KEC-MPSA55 Datasheet
58Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
340Kb / 1P
PNP Silicon Amplifier Transistor
More results

Similar Description - MPSA55

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
KTC3876 SECOS-KTC3876 Datasheet
183Kb / 2P
0.5A , 35V NPN Plastic Encapsulated Transistor
MMBTA43 SECOS-MMBTA43 Datasheet
59Kb / 1P
0.5A , 200V NPN Plastic Encapsulated Transistor
MMBTA56 SECOS-MMBTA56 Datasheet
73Kb / 1P
-0.5A , -80V PNP Plastic Encapsulated Transistor
MPSA56 SECOS-MPSA56 Datasheet
67Kb / 1P
-0.5A , -80V PNP Plastic Encapsulated Transistor
S9013W SECOS-S9013W Datasheet
59Kb / 1P
0.5A , 40V NPN Plastic Encapsulated Transistor
2SC6517 SECOS-2SC6517 Datasheet
376Kb / 4P
0.5A , 350V NPN Plastic Encapsulated Transistor
KTA1505 SECOS-KTA1505 Datasheet
125Kb / 2P
-0.5A , -35V PNP Plastic Encapsulated Transistor
MMBT2222AM SECOS-MMBT2222AM Datasheet
290Kb / 2P
0.5A, 75V NPN Plastic Encapsulated Transistor
MPS750 SECOS-MPS750 Datasheet
67Kb / 1P
-2A , -60V PNP Plastic Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com