Electronic Components Datasheet Search
  English  ▼

X  

P6KE Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # P6KE
Description  Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

P6KE Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  P6KE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH P6KE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH P6KE Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
P6KE SERIES
Voltage 6.8V ~ 480V
600 Peak Power / 5.0W Steady State
600W Peak Power TVS
27-Oct-2014 Rev. F
Page 3 of 3
ELECTRICAL CHARACTERISTIC(TA =25°C unless otherwise specified)
PART
NUMBER
REVERSE
STANDOFF
VOLTAGE
BREAKDOWN
VOLTAGE @
IT
TEST
CURRENT
MAX
CLAMPING
VOLTAGE
VC@IPP
PEAK
PULSE
CURRENT
REVERSE
LEAKAGE
IR@VRRM
DIRECTIONAL
VRRM
VBR
IT
VC
IPP
IR
UNI
BI
V
V (MIN.)
V (MAX.)
mA
V
A
uA
P6KE6.8A
P6KE6.8CA
5.8
6.46
7.14
10
10.5
58.1
1000
P6KE7.5A
P6KE7.5CA
6.4
7.13
7.88
10
11.3
54
500
P6KE8.2A
P6KE8.2CA
7.02
7.79
8.61
10
12.1
50.4
200
P6KE9.1A
P6KE9.1CA
7.78
8.65
9.55
1
13.4
45.5
50
P6KE10A
P6KE10CA
8.55
9.5
10.5
1
14.5
42.1
10
P6KE11A
P6KE11CA
9.40
10.5
11.6
1
15.6
39.1
5
P6KE12A
P6KE12CA
10.2
11.40
12.6
1
16.7
36.5
5
P6KE13A
P6KE13CA
11.1
12.4
13.7
1
18.2
33.5
5
P6KE15A
P6KE15CA
12.8
14.3
15.8
1
21.2
28.8
5
P6KE16A
P6KE16CA
13.6
15.2
16.8
1
22.5
27.1
5
P6KE18A
P6KE18CA
15.3
17.1
18.9
1
25.2
24.2
5
P6KE20A
P6KE20CA
17.1
19
21
1
27.7
22
5
P6KE22A
P6KE22CA
18.8
20.9
23.1
1
30.6
19.9
5
P6KE24A
P6KE24CA
20.5
22.8
25.2
1
33.2
18.4
5
P6KE27A
P6KE27CA
23.1
25.7
28.4
1
37.5
16.3
5
P6KE30A
P6KE30CA
25.6
28.5
31.5
1
41.4
14.7
5
P6KE33A
P6KE33CA
28.2
31.4
34.7
1
45.7
13.3
5
P6KE36A
P6KE36CA
30.8
34.2
37.8
1
49.9
12.2
5
P6KE39A
P6KE39CA
33.3
37.1
41
1
53.9
11.3
5
P6KE43A
P6KE43CA
36.8
40.9
45.2
1
59.3
10.3
5
P6KE47A
P6KE47CA
40.2
44.7
49.4
1
64.8
9.4
5
P6KE51A
P6KE51CA
43.6
48.5
53.6
1
70.1
8.7
5
P6KE56A
P6KE56CA
47.8
53.2
58.8
1
77
7.9
5
P6KE62A
P6KE62CA
53
58.9
65.1
1
85
7.2
5
P6KE68A
P6KE68CA
58.1
64.6
71.4
1
92
6.6
5
P6KE75A
P6KE75CA
64.1
71.3
78.8
1
103
5.9
5
P6KE82A
P6KE82CA
70.1
77.9
86.1
1
113
5.4
5
P6KE91A
P6KE91CA
77.8
86.5
95.5
1
125
4.9
5
P6KE100A
P6KE100CA
85.5
95
105
1
137
4.5
5
P6KE110A
P6KE110CA
94
105
116
1
152
4
5
P6KE120A
P6KE120CA
102
114
126
1
165
3.7
5
P6KE130A
P6KE130CA
111
124
137
1
179
3.4
5
P6KE150A
P6KE150CA
128
143
158
1
207
2.9
5
P6KE160A
P6KE160CA
136
152
168
1
219
2.8
5
P6KE170A
P6KE170CA
145
162
179
1
234
2.6
5
P6KE180A
P6KE180CA
154
171
189
1
246
2.5
5
P6KE200A
P6KE200CA
171
190
210
1
274
2.2
5
P6KE220A
P6KE220CA
185
209
231
1
328
1.9
5
P6KE250A
P6KE250CA
214
237
263
1
344
1.8
5
P6KE300A
P6KE300CA
256
285
315
1
414
1.5
5
P6KE350A
P6KE350CA
300
332
368
1
482
1.3
5
P6KE400A
P6KE400CA
342
380
420
1
548
1.1
5
P6KE440A
P6KE440CA
376
418
462
1
602
1
5
P6KE480A
P6KE480CA
408
456
504
1
658
0.9
5
Notes:1
1.
Suffix “A” denotes 5% tolerance device.
2.
For bi-Directional devices having VR of 10volt and under, the IR limit is double



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com