Electronic Components Datasheet Search
  English  ▼

X  

MM3Z20V Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MM3Z20V
Description  Standard Zener Breakdown Voltage 2.4V~39V 200mW Steady State Power Rating
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MM3Z20V Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MM3Z20V Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MM3Z20V Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MM3Z20V Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
MM3Z SERIES
Standard Zener Breakdown Voltage 2.4V~39V
200mW Steady State Power Rating
28-Apr-2014 Rev. C
Page 1 of 3
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
A suffix of "-C" specifies halogen & RoHS compliant
FEATURES
RoHS Compliant
Standard Zener Breakdown Voltage Range 3.0V to 39V
Steady State Power Rating of 200 mW
Small Body Outline Dimensions: 1.7 mm x 1.25 mm
Low Body Height: 0.9 mm
Package Weight: 4.507 mg/unit
ESD Rating of Class 3 (>16 KV) per Human Body Model
MECHANICAL DATA
Case: SOD-323, Void-free, Transfer-Molded plastic
Finish: All external surfaces are corrosion resistant
Maximum Case Temperature For Soldering Purposes:260°C for 10 seconds
Polarity: Cathode indicated by polarity band
Flammability Rating: UL94 V-0
Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Maximum Ratings @ TA = 25°C)
CHARACTERISTIC
SYMBOL
VALUE
UNITS
Power Dissipation (NOTE 1)
Derate above 25°C
Pd
200
1.5
mW
mW / °C
Forward Voltage (NOTE 2) @IF=10 mA
VF
0.9
V
Thermal Resistance from Junction to Ambient (NOTE 1)
RθJA
625
°C / W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
1.
Valid provided that device terminals are kept at ambient temperature..
2.
Short duration test pulse used in minimize self-heating effect
3.
f = 1 K Hz
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05 REF.
E
0.080
0.180
B
0.20 REF.
F
1.15
1.45
C
0.80
1.00
G
1.60
1.80
D
0.25
0.40
H
2.30
2.70
SOD - 323


Similar Part No. - MM3Z20V

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MM3Z20V WEITRON-MM3Z20V Datasheet
214Kb / 5P
Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MM3Z20V SECOS-MM3Z20V Datasheet
198Kb / 3P
Surface Mount Zener Diode
logo
YENYO TECHNOLOGY Co., L...
MM3Z20V YENYO-MM3Z20V Datasheet
387Kb / 4P
ZENER DIODES
logo
Shanghai Leiditech Elec...
MM3Z20V LEIDITECH-MM3Z20V Datasheet
349Kb / 6P
200 mW SOD??23 Surface Mount
logo
Shanghai Shunye Electro...
MM3Z20V SHUNYE-MM3Z20V Datasheet
965Kb / 5P
SURFACE MOUNT ZENER DIODES
V2.22
More results

Similar Description - MM3Z20V

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BZT52-C2V4S WILLAS-BZT52-C2V4S Datasheet
303Kb / 3P
200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V SOD-323 PACKAGE
logo
SeCoS Halbleitertechnol...
MM3Z SECOS-MM3Z_15 Datasheet
220Kb / 3P
200mW Steady State Power Rating
logo
Leshan Radio Company
S-SZAF2.4A LRC-S-SZAF2.4A Datasheet
232Kb / 4P
Zener voltage regulator diodes 1 Watt Steady State
SZAF2.4A LRC-SZAF2.4A Datasheet
1Mb / 9P
Zener voltage regulator diodes 1 Watt Steady State
SZBF5.1A LRC-SZBF5.1A Datasheet
213Kb / 10P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 2.0 Watt Steady State
LUDZS2.0BT1G LRC-LUDZS2.0BT1G Datasheet
133Kb / 5P
High demand voltage range Steady State Power Rating of 200 mW
logo
AiT Semiconductor Inc.
M5Z15V AITSEMI-M5Z15V Datasheet
572Kb / 8P
ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
M5Z8V2 AITSEMI-M5Z8V2 Datasheet
572Kb / 8P
ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
logo
Leshan Radio Company
CSZAXXXA LRC-CSZAXXXA Datasheet
436Kb / 5P
Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.A Oct. 2022 1
S-CSZAXXXA LRC-S-CSZAXXXA Datasheet
367Kb / 5P
Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.B Oct. 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com