Electronic Components Datasheet Search
  English  ▼

X  

MM5Z20V Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MM5Z20V
Description  100 mW, SOD-523 Series Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MM5Z20V Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MM5Z20V Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MM5Z20V Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MM5Z20V Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MM5Z20V Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
MM5Z Series
100 mW,
SOD-523 Series
Surface Mount Zener Diodes
21-Dec-2009 Rev. B
Page 2 of 4
ELECTRICAL RATINGS (TA = 25°C unless otherwise specified)
ZENER VOLTAGE RANGE
2
MAXIMUM ZENER
IMPEDANCE
3
MAXIMUM REVERSE
LEAKAGE CURRENT
2
VZ
@IZT
ZZT @ IZT
ZZK @ IZK
=1.0mA
IR @ VR
TEMPERATURE
COEFFICIENT OF
ZENER VOLTAGE
@IZT = 10mA
mV/°C
TYPE
NUMBER
MARKING
Min(V)
Nom(V)
Max(V)
mA
µA
V
Min.
Max.
MM5Z2V4
Z11/00
2.2
2.4
2.6
5.0
100
600
50
1.0
-3.5
0
MM5Z2V7
Z12/01
2.5
2.7
2.9
5.0
100
600
20
1.0
-3.5
0
MM5Z3V0
Z13/02
2.8
3.0
3.2
5.0
95
600
10
1.0
-3.5
0
MM5Z3V3
Z14/05
3.1
3.3
3.5
5.0
95
600
5.0
1.0
-3.5
0
MM5Z3V6
Z15/06
3.4
3.6
3.8
5.0
90
600
5.0
1.0
-3.5
0
MM5Z3V9
Z16/07
3.7
3.9
4.1
5.0
90
600
3.0
1.0
-3.5
0
MM5Z4V3
Z17/08
4.0
4.3
4.6
5.0
90
600
3.0
1.0
-3.5
0
MM5Z4V7
Z1/09
4.4
4.7
5.0
5.0
80
500
3.0
2.0
-3.5
0.2
MM5Z5V1
Z2/0A
4.8
5.1
5.4
5.0
60
480
2.0
2.0
-2.7
1.2
MM5Z5V6
Z3/0C
5.2
5.6
6.0
5.0
40
400
1.0
2.0
-2.0
2.5
MM5Z6V2
Z4/0E
5.8
6.2
6.6
5.0
10
150
3.0
4.0
0.4
3.7
MM5Z6V8
Z5/0F
6.4
6.8
7.2
5.0
15
80
2.0
4.0
1.2
4.5
MM5Z7V5
Z6/0G
7.0
7.5
7.9
5.0
15
80
1.0
5.0
2.5
5.3
MM5Z8V2
Z7/0H
7.7
8.2
8.7
5.0
15
80
0.7
5.0
3.2
6.2
MM5Z9V1
Z8/0K
8.5
9.1
9.6
5.0
15
100
0.5
6.0
3.8
7.0
MM5Z10V
Z9/0L
9.4
10
10.6
5.0
20
150
0.2
7.0
4.5
8.0
MM5Z11V
Y1/0M
10.4
11
11.6
5.0
20
150
0.1
8.0
5.4
9.0
MM5Z12V
Y2/0N
11.4
12
12.7
5.0
25
150
0.1
8.0
6.0
10.0
MM5Z13V
Y3/0P
12.4
13
14.1
5.0
30
170
0.1
8.0
7.0
11.0
MM5Z15V
Y4/0T
13.8
15
15.6
5.0
30
200
0.1
10.5
9.2
13.0
MM5Z16V
Y5/0U
15.3
16
17.1
5.0
40
200
0.1
11.2
10.4
14.0
MM5Z18V
Y6/0W
16.8
18
19.1
5.0
45
225
0.1
12.6
12.4
16.0
MM5Z20V
Y7/0Z
18.8
20
21.2
5.0
55
225
0.1
14.0
14.4
18.0
MM5Z22V
Y8/10
20.8
22
23.3
5.0
55
250
0.1
15.4
16.4
20.0
MM5Z24V
Y9/11
22.8
24
25.6
5.0
70
250
0.1
16.8
18.4
22.0
MM5Z27V
Y10/12
25.1
27
28.9
2.0
80
300
0.1
18.9
21.4
25.3
MM5Z30V
Y11/14
28.0
30
32.0
2.0
80
300
0.1
21.0
24.4
29.4
MM5Z33V
Y12/18
31.0
33
35.0
2.0
80
325
0.1
23.1
27.4
33.4
MM5Z36V
Y13/19
34.0
36
38.0
2.0
90
350
0.1
25.2
30.4
37.4
MM5Z39V
Y14/20
37.0
39
41.0
2.0
130
350
0.1
27.3
33.4
41.2
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Test with pulses. Period=5ms, pulse width=300
µS
3. f = 1KHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com