Electronic Components Datasheet Search
  English  ▼

X  

EMA2 Datasheet(PDF) 1 Page - Rohm

Part # EMA2
Description  Emitter common (dual digital transistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMA2 Datasheet(HTML) 1 Page - Rohm

  EMA2 Datasheet HTML 1Page - Rohm EMA2 Datasheet HTML 2Page - Rohm EMA2 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EMA2 / UMA2N / FMA2A
Transistors
Rev.A
1/2
Emitter common
(dual digital transistors)
EMA2 / UMA2N / FMA2A
Features
External dimensions (Unit : mm)
1) Two DTA144E transistors in a EMT or UMT or SMT package.
2) Mounting cost and area can be cut in half.
Structure
Dual PNP silicon transistor (each with two built in resistors)
The following characteristics apply to both DTr1 and DTr2.
Equivalent circuit
EMA2 / UMA2N
FMA2A
R1
R1
DTr1
DTr2
(3)
(4)
(5)
(2)
(1)
R1=47k
Ω
R2=47k
Ω
R2
R2
R1
R1
DTr1
DTr2
(3)
(2)
(1)
(4)
(5)
R1=47k
Ω
R2=47k
Ω
R2
R2
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
VCC
−50
V
−40
V
VIN
10
IO
−30
mA
IC (Max.)
−100
Tj
150
˚C
Tstg
−55 to +150
˚C
Pd
EMA2, UMA2N
150 (TOTAL)
mW
FMA2A
300 (TOTAL)
∗1
∗2
Supply voltage
Input voltage
Output current
Junction temperature
Storage temperature
Power
dissipation
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
ROHM : EMT5
EMA2
ROHM : UMT5
EIAJ : SC-88A
UMA2N
Each lead has same dimensions
Each lead has same dimensions
0.1Min.
2.1
1.25
Each lead has same dimensions
0.3to0.6
1.6
2.8
Abbreviated symbol : A2
Abbreviated symbol : A2
Abbreviated symbol : A2
ROHM : SMT5
EIAJ : SC-74A
FMA2A
1.2
1.6
(1)
(2)
(3)
(5)
(4)


Similar Part No. - EMA2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA2 ROHM-EMA2 Datasheet
444Kb / 7P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMA2 ROHM-EMA2 Datasheet
1Mb / 9P
Emitter common Dual digital transistors
EMA2 ROHM-EMA2 Datasheet
444Kb / 7P
Built-In Biasing Resistors, R1 = R2 = 47kW.
logo
Excelics Semiconductor,...
EMA205B EXCELICS-EMA205B Datasheet
198Kb / 4P
9-16 GHz Medium Power MMIC
logo
Excelliance MOS Corp.
EMA20N03A EXCELLIANCE-EMA20N03A Datasheet
224Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMA2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
Emitter common (dual digital transistors)
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
Emitter common (dual digital transistors)
FMG5A ROHM-FMG5A Datasheet
72Kb / 4P
Emitter common (dual digital transistors)
FMG12 ROHM-FMG12 Datasheet
41Kb / 1P
Emitter common(dual digital transistors)
logo
Unisonic Technologies
UG4J UTC-UG4J Datasheet
143Kb / 2P
EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
UG4J UTC-UG4J_07 Datasheet
103Kb / 2P
EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
logo
Rohm
EMA8 ROHM-EMA8 Datasheet
58Kb / 1P
Emitter common (dual digital transistors)
EMA5 ROHM-EMA5 Datasheet
1Mb / 11P
Emitter common Dual digital transistors
EMS1 ROHM-EMS1 Datasheet
42Kb / 3P
Emitter common (dual digital transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com