Electronic Components Datasheet Search
  English  ▼

X  

EMG2 Datasheet(PDF) 2 Page - Rohm

Part # EMG2
Description  Emitter common (dual digital transistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMG2 Datasheet(HTML) 2 Page - Rohm

  EMG2 Datasheet HTML 1Page - Rohm EMG2 Datasheet HTML 2Page - Rohm EMG2 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMG2 / UMG2N / FMG2A
Transistors
Rev.A
2/2
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
II
R1
GI
R2/R1
Min.
−
3
−
−
−
32.9
68
0.8
−
−
0.1
−
−
47
−
1
0.5
−
0.3
0.18
0.5
61.1
−
1.2
V
VCC=5V, IO=100
µA
VO
=0.3V, IO=2mA
IO
=10mA, II=0.5mA
VI
=5V
VCC
=50V, VI=0V
−
VO
=5V, IO=5mA
V
mA
µA
k
Ω
−
−−
Typ.
Max.
Unit
Conditions
VI (off)
VI (on)
VO (on)
IO (off)
fT
−
250
−
VCE
=10V, IE=
−5mA, f=100MHz
∗
MHz
∗ Transition frequency of the device
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Transition frequency
Resistance ratio
Packaging specifications
Package
Code
TR
T148
3000
3000
Taping
Basic ordering
unit (pieces)
UMG2N
T2R
8000
EMG2
FMG2A
Type
Electrical characteristic curves
VO=0.3V
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m100m
100
50
20
10
5
2
1
500m
200m
100m
OUTPUT CURRENT : IO
(A)
25˚C
100˚C
Ta=
−40˚C
Fig.1 Input voltage vs. output current
(on-characteristics)
VCC=5V
0.5
1.0
1.5
2.0
2.5
3.0
0
10m
5m
2m
1m
500
µ
200
µ
100
µ
50
µ
20
µ
10
µ
5
µ
1
µ
2
µ
INPUT VOLTAGE : VI (off)
(V)
Ta=100˚C
25˚C
−40˚C
Fig.2 Output current vs. input voltage
(off-characteristics)
OUTPUT CURRENT : IO
(A)
VO=5V
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m100m
1k
500
200
100
50
20
10
5
2
1
Ta=100˚C
25˚C
−40˚C
Fig.3 DC current gain vs. output
current
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI=20
OUTPUT CURRENT : IO
(A)
Ta=100˚C
25˚C
−40˚C
Fig.4 Output voltage vs. output
current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com