Electronic Components Datasheet Search
  English  ▼

X  

ASL31C Datasheet(PDF) 6 Page - Advanced Semiconductor Business Inc.

Part # ASL31C
Description  Wideband Linear Amplifier MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL31C Datasheet(HTML) 6 Page - Advanced Semiconductor Business Inc.

Back Button ASL31C_17 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL31C_17 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL31C_17 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL31C_17 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL31C_17 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL31C_17 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL31C_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL31C_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL31C_17 Datasheet HTML 10Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL31C
Wideband Linear Amplifier MMIC
0
200
400
600
800
1000
1200
0
5
10
15
20
25
30
Frequency (MHz)
0
200
400
600
800
1000
1200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
200
400
600
800
1000
1200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
RF IN
RF OUT
ASL31C
Vs=5 V
C5=10
F
L1=1
H
(LQH31CN1R0M03)
L3=5.6 nH
L4=10 nH
C1=1
F
C2=1
F
C3=0.5 pF
L2=47 nH
R1=240
R2=10
C4=0.5 pF
1) OIP3 and OIP2 are measured with two tones at an output power of +6 dBm/tone
separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
APPLICATION CIRCUIT
Frequency (MHz)
50
500
860
1002
Noise Figure (dB)
2.9
2.9
2.5
2.0
Magnitude S21 (dB)
22.0
22.0
21.6
21.1
Magnitude S11 (dB)
-18
-17
-17
-18
Magnitude S22 (dB)
-18
-19
-20
-18
Output P1dB (dBm)
22
21
21
21
Output IP31) (dBm)
39
40
40
40
Output IP21),2) (dBm)
50
56
52
56
Device Voltage (V)
+5
Current (mA)
105
S-parameters
Min. VSWR
CATV
50 ~ 1002 MHz
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com