Electronic Components Datasheet Search
  English  ▼

X  

ASL380 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASL380
Description  Wideband Linear Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL380 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASL380 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL380 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL380 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL380 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL380 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL380 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL380 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL380 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL380 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4/13
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
June 2017
ASL380
Wideband Linear Amplifier MMIC
P1dB vs. Temperature
Current vs. Temperature
Output IP2 vs. Tone Power (Frequency = 860 MHz)
MHz)
NF vs. Temperature
Output IP3 vs. Tone Power (Frequency = 860 MHz)
-60
-40
-20
0
20
40
60
80
100
0
50
100
150
200
Temperature (
oC)
-60
-40
-20
0
20
40
60
80
100
12
14
16
18
20
22
24
Temperature (
oC)
Frequency = 860 MHz
-60
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
35
Temperature (
oC)
Frequency = 860 MHz
4
5
6
7
8
9
10
11
12
13
14
0
10
20
30
40
50
60
P
out
per Tone (dBm)
-40
oc
25
oc
85
oc
4
5
6
7
8
9
10
11
12
13
14
0
10
20
30
40
50
60
70
80
P
out
per Tone (dBm)
-40
oc
25
oc
85
oc
Gain vs. Temperature
0
100
200
300
400
500
600
700
800
900
1000
0
1
2
3
4
5
6
7
8
9
10
Frequency (MHz)
-40
oc
25
oc
85
oc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com