Electronic Components Datasheet Search
  English  ▼

X  

AM4544C Datasheet(PDF) 1 Page - Analog Power

Part # AM4544C
Description  N & P-Channel 40-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4544C Datasheet(HTML) 1 Page - Analog Power

  AM4544C Datasheet HTML 1Page - Analog Power AM4544C Datasheet HTML 2Page - Analog Power AM4544C Datasheet HTML 3Page - Analog Power AM4544C Datasheet HTML 4Page - Analog Power AM4544C Datasheet HTML 5Page - Analog Power AM4544C Datasheet HTML 6Page - Analog Power AM4544C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Analog Power
AM4544C
N & P-Channel 40-V (D-S) MOSFET
VDS (V)
ID (A)
6.9
6.1
-5.6
-4.8
Symbol
Nch Limit Pch Limit
Units
VDS
40
-40
VGS
±20
±20
TA=25°C
6.9
-5.6
TA=70°C
5.4
-4.4
IDM
25
-25
IS
2.7
-2.5
A
TA=25°C
2.1
2.1
TA=70°C
1.3
1.3
TJ, Tstg
°C
Symbol
Maximum
Units
62.5
110
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
V
PD
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
Operating Junction and Storage Temperature Range
-55 to 150
Parameter
Drain-Source Voltage
Gate-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
t <= 10 sec
Maximum Junction-to-Ambient
a
Steady State
RθJA
A
W
°C/W
Parameter
THERMAL RESISTANCE RATINGS
Continuous Drain Current
a
ID
Power Dissipation
a
40
45 @ VGS = -10V
63 @ VGS = -4.5V
PRODUCT SUMMARY
rDS(on) (mΩ)
30 @ VGS = 10V
38 @ VGS = 4.5V
-40
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• DC/DC Conversion
• Power Routing
• Motor Drives
SO-8
© Preliminary
1
Publication Order Number:
DS_AM4544C_1A


Similar Part No. - AM4544C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4540C ANALOGPOWER-AM4540C Datasheet
168Kb / 3P
P & N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4540C-T1-PF VBSEMI-AM4540C-T1-PF Datasheet
1Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM4541C ANALOGPOWER-AM4541C Datasheet
496Kb / 7P
N & P-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4541C-T1-PF VBSEMI-AM4541C-T1-PF Datasheet
1Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM4541CE ANALOGPOWER-AM4541CE Datasheet
565Kb / 7P
N & P-Channel 40-V (D-S) MOSFET
More results

Similar Description - AM4544C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM3548C ANALOGPOWER-AM3548C Datasheet
184Kb / 3P
N & P-Channel 40-V (D-S) MOSFET
AM4540C ANALOGPOWER-AM4540C Datasheet
168Kb / 3P
P & N-Channel 40-V (D-S) MOSFET
AM4542C ANALOGPOWER-AM4542C Datasheet
265Kb / 7P
P & N-Channel 40-V (D-S) MOSFET
AM4543C ANALOGPOWER-AM4543C Datasheet
502Kb / 7P
N & P-Channel 40-V (D-S) MOSFET
AMD540CE ANALOGPOWER-AMD540CE Datasheet
372Kb / 7P
P & N-Channel 40-V (D-S) MOSFET
logo
Bruckewell Technology L...
MS4541C BWTECH-MS4541C Datasheet
964Kb / 9P
N P-Channel 40-V (D-S) MOSFET
MSA4P21 BWTECH-MSA4P21 Datasheet
587Kb / 6P
N P-Channel 40-V (D-S) MOSFET
logo
Analog Power
AM7542C ANALOGPOWER-AM7542C Datasheet
487Kb / 7P
N & P-Channel 40-V (D-S) MOSFET
AM4541CE ANALOGPOWER-AM4541CE Datasheet
565Kb / 7P
N & P-Channel 40-V (D-S) MOSFET
AM4545C ANALOGPOWER-AM4545C Datasheet
545Kb / 7P
N & P-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com