Electronic Components Datasheet Search
  English  ▼

X  

AM4545C Datasheet(PDF) 2 Page - Analog Power

Part # AM4545C
Description  N & P-Channel 40-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4545C Datasheet(HTML) 2 Page - Analog Power

  AM4545C Datasheet HTML 1Page - Analog Power AM4545C Datasheet HTML 2Page - Analog Power AM4545C Datasheet HTML 3Page - Analog Power AM4545C Datasheet HTML 4Page - Analog Power AM4545C Datasheet HTML 5Page - Analog Power AM4545C Datasheet HTML 6Page - Analog Power AM4545C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Analog Power
AM4545C
Parameter
Symbol Test Conditions
Min
Typ
Max
Unit
VDS = VGS, ID = 250 uA
(Nch)
1
V
VDS = VGS, ID = -250 uA
(Pch)
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 32 V, VGS = 0 V
(Nch)
1
VDS = -32 V, VGS = 0 V
(Pch)
-1
VDS = 5 V, VGS = 10 V
(Nch)
10
A
VDS = -5 V, VGS = -10 V
(Pch)
-8
A
VGS = 10 V, ID = 6 A
(Nch)
25
VGS = 4.5 V, ID = 4.8 A
(Nch)
30
VGS = -10 V, ID = -4.9 A
(Pch)
38
VGS = -4.5 V, ID = -4 A
(Pch)
48
VDS = 15 V, ID = 6 A
(Nch)
6
S
VDS = -15 V, ID = -4.9 A
(Pch)
5
S
IS = 1.4 A, VGS = 0 V
(Nch)
0.74
V
IS = -1.35 A, VGS = 0 V
(Pch)
-0.75
V
Total Gate Charge
Qg
10
Gate-Source Charge
Qgs
2.9
Gate-Drain Charge
Qgd
3.8
Turn-On Delay Time
td(on)
8
Rise Time
tr
5
Turn-Off Delay Time
td(off)
32
Fall Time
tf
8
Input Capacitance
Ciss
1506
Output Capacitance
Coss
116
Reverse Transfer Capacitance
Crss
107
Total Gate Charge
Qg
18
Gate-Source Charge
Qgs
5.3
Gate-Drain Charge
Qgd
5.2
Turn-On Delay Time
td(on)
4
Rise Time
tr
4
Turn-Off Delay Time
td(off)
49
Fall Time
tf
15
Input Capacitance
Ciss
1853
Output Capacitance
Coss
127
Reverse Transfer Capacitance
Crss
146
N - Channel
VDS = 15 V, VGS = 0 V, f = 1 Mhz
pF
nC
P - Channel
VDS = -20 V, RL = 4.1 Ω,
ID = -4.9 A,
VGEN = -10 V, RGEN = 6 Ω
ns
VGS(th)
ID(on)
IDSS
rDS(on)
VSD
N - Channel
VDS = 20 V, VGS = 4.5 V,
ID = 6 A
P - Channel
VDS = -20 V, VGS = -4.5 V,
ID = -4.9 A
uA
mΩ
mΩ
P - Channel
VDS = -15 V, VGS = 0 V, f = 1 Mhz
pF
Diode Forward Voltage
a
Dynamic
b
nC
N - Channel
VDS = 20 V, RL = 3.4 Ω,
ID = 6 A,
VGEN = 10 V, RGEN = 6 Ω
ns
Static
Electrical Characteristics
Forward Transconductance
a
gfs
On-State Drain Current
a
Gate-Source Threshold Voltage
Zero Gate Voltage Drain Current
Drain-Source On-Resistance
a
© Preliminary
2
Publication Order Number:
DS_AM4545C_1A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com