Electronic Components Datasheet Search
  English  ▼

X  

VRE4100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VRE4100
Description  Low Cost, SOIC-8 Precision References
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE4100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VRE4100 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE4100 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE4100 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE4100 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE4100 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE4100 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE4100 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VRE4100 Series
Low Cost, SOIC-8
Precision References
DESCRIPTION
FEATURES
The VRE4100 is a low cost, high precision
bandgap reference that operates from +5V. The
device features low noise, digital error correction,
and an SOIC-8 package. The ultrastable output
is 0.05% accurate with a temperature coefficient
as low as 1.0 ppm/°C.
The improvement in
overall accuracy is made possible by using
EEPROM
registers
and
CMOS
DAC’s
for
temperature and initial error correction. The DAC
trimming is done after assembly which eliminates
assembly related shifts.
The VRE4100 is recommended for use as a
reference for 14, 16, or 18 bit data converters
which require a precision reference.
The
VRE4100
offers
superior
performance
over
standard on-chip references commonly found
with data converters.
5
6
7
8
VRE4100
TOP
VIEW
1
2
3
4
NC
+V
IN
Enable
GND
NC
V
REF
NC
PIN CONFIGURATION
• 1.024, 1.250, 2.048, 2.500, 4.096V Output
• Initial Error: ± 0.05% max.
• Temperature Drift: 1.0 ppm/°C max.
• Low Noise: 2.2µV
p-p (0.1Hz-10Hz, 1.024V)
• Low Thermal Hysterisis: 20ppm
• ±8mA Output Source
• Power Down Mode
• Industry Standard SOIC-8 pin out
• Commercial and Industrial Temp Ranges
• Second source for ADR29X, REF19X ,LT1460,
LT1461, LT1798, MAX616X, REF102
FIGURE 1
VRE4100DS REV. A MAY 01
SELECTION GUIDE
Model
Temp.
Range °C
Temp.
Coeff.
ppm/°C
VRE4110B
1.024
1.0
0°C to +70°C
VRE4110C
1.024
2.0
0°C to +70°C
VRE4110K
1.024
3.0
-40°C to +85°C
VRE4112B
1.250
1.0
0°C to +70°C
VRE4112C
1.250
2.0
0°C to +70°C
VRE4112K
1.250
3.0
-40°C to +85°C
VRE4120B
2.048
1.0
0°C to +70°C
VRE4120C
2.048
2.0
0°C to +70°C
VRE4120K
2.048
3.0
-40°C to +85°C
VRE4125B
2.500
1.0
0°C to +70°C
VRE4125C
2.500
2.0
0°C to +70°C
VRE4125K
2.500
3.0
-40°C to +85°C
VRE4141B
4.096
1.0
0°C to +70°C
VRE4141C
4.096
2.0
0°C to +70°C
VRE4141K
4.096
3.0
-40°C to +85°C
Output
Voltage
V
RHOPOINT COMPONENTS LTD • Tel: +44 (0) 1883 717988 • Fax: +44 (0) 1883 712938 • Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
NC
www.thaler.com


Similar Part No. - VRE4100

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE4100 CIRRUS-VRE4100 Datasheet
660Kb / 8P
Precision Voltage Reference
More results

Similar Description - VRE4100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
Analog Devices
AD1403 AD-AD1403 Datasheet
80Kb / 4P
Low Cost, Precision 2.5 V IC References
logo
Linear Technology
LT580 LINER-LT580 Datasheet
200Kb / 4P
Precision References
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
1/03-Data Sheet changed from REV. D to REV. E.
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
Precision Low Power FGA??Voltage References
August 1, 2006
logo
Analog Devices
AD1403N AD-AD1403N Datasheet
84Kb / 4P
Low Cost, Precision 2.5 V IC References
REV. A
logo
Linear Technology
LT580 LINER-LT580_15 Datasheet
332Kb / 4P
PRECISION REFERENCES
logo
List of Unclassifed Man...
NPT1004 ETC2-NPT1004 Datasheet
541Kb / 6P
Low cost, surface mount SOIC package
NPTB00004 ETC2-NPTB00004 Datasheet
953Kb / 10P
Low cost, surface mount SOIC package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com