Electronic Components Datasheet Search
  English  ▼

X  

S2FL13CA Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S2FL13CA
Description  5V ~ 220V 200W Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2FL13CA Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S2FL13CA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2FL13CA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S2FL13CA Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S2FL13CA Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
S2FL SERIES
5V ~ 220V
200W Peak Power Surface Mount TVS
10-Feb-2017 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and lead-free
FEATURES
Glass passivated chip
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
Very fast response time
RoHS compliant
200 W peak pulse power capability with a 10/1000 μs waveform,
repetitive rate (duty cycle):0.01 %
MECHANICAL DATA
Epoxy : UL94V-0 rate flame retardant
Case : SOD-123FL
Lead: Solderable per MIL-STD-750,method 2026
Polarity : Color band denotes cathode end except Bipolar
Mounting Position : Any
Weight : 0.0152 grams(approximate)
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123FL
3K
7 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Ratings
Symbol
Value
Units
Peak power dissipation with a 10/1000μs waveform
1
PPP
200
W
Peak pulse current wih a 10/1000μs waveform
1
IPP
See Next Table
A
Power dissipation on infinite heatsink at TL = 70 °C
PD
0.4
W
Peak forward surge current, 8.3 ms single half sine-wave
unidirectional only
2
IFSM
20
A
Maximum instantaneous forward voltage at 25 A for unidirectional
only
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
-55 ~ 150
°C
Notes:
1. Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1.
2. Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.60
3.10
E
0.10
0.30
B
1.60
2.00
F
0.80
1.35
C
0.81
1.55
G
0.35
0.85
D
3.50
3.90
SOD-123FL
E
F
B
C
D
A
G


Similar Part No. - S2FL13CA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S2F SEMTECH-S2F Datasheet
190Kb / 4P
RECTIFIER, up to 1kV, 2A, 150-500ns
logo
List of Unclassifed Man...
S2F ETC2-S2F Datasheet
200Kb / 5P
Medium Capacity Standard Size Toggles
logo
Vishay Siliconix
S2F VISHAY-S2F Datasheet
140Kb / 8P
Fast Acting Thin Film Chip Fuses
09-Oct-2025
logo
Nihon Kaiheiki Industry...
S2F NKK-S2F Datasheet
446Kb / 5P
Medium Capacity Standard Size Toggles
logo
PANDUIT CORP.
S2F-C PANDUIT-S2F-C Datasheet
64Kb / 1P
Panduct Snap-Clip Mounting Brackets
More results

Similar Description - S2FL13CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
400W Peak Power Surface Mount TVS
SFS5 SECOS-SFS5_15 Datasheet
340Kb / 3P
200W Peak Power TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
200W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
5V ~ 85V, 600W Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ Datasheet
269Kb / 4P
200W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com