Electronic Components Datasheet Search
  English  ▼

X  

SLZ12V Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SLZ12V
Description  500 mW, SOD-80 Glass Zener Voltage Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SLZ12V Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SLZ12V Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SLZ12V Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SLZ12V Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SLZ12V Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SLZ12V Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SLZXXX Series
500 mW,
SOD-80
Glass Zener Voltage Regulators
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
27-Jul-2011 Rev. A
Page 1 of 5
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Zener voltage range 2.0 to 39 volts (Graded)
Surface device type mounting
Hermetically sealed glass
Compression bonded construction
All external surfaces are corrosion resistant and
terminals are readily solderable
Matte Tin (Sn) Terminal Finish
Color band Indicates Negative Polarity
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-80
2.5K
7 inch
MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Power Dissipation
PD
500
mW
Operating Junction and Storage Temperature Range
TJ, TSTG
175 , -65~175
°C
Notes:
1. These ratings are limiting values above which the serviceability of the diode may be impaired.
SOD-80
B
A
C
C
REF.
Millimeter
Min.
Max.
A
3.30
3.70
B
1.40
1.60
C
0.28
0.50


Similar Part No. - SLZ12V

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SLZ1LTE20L0D KOA-SLZ1LTE20L0D Datasheet
284Kb / 2P
surface mount molded current sense resistors
SLZ1LTE20L0F KOA-SLZ1LTE20L0F Datasheet
284Kb / 2P
surface mount molded current sense resistors
SLZ1LTE20L0G KOA-SLZ1LTE20L0G Datasheet
284Kb / 2P
surface mount molded current sense resistors
SLZ1LTE20L0H KOA-SLZ1LTE20L0H Datasheet
284Kb / 2P
surface mount molded current sense resistors
SLZ1TTE20L0D KOA-SLZ1TTE20L0D Datasheet
284Kb / 2P
surface mount molded current sense resistors
More results

Similar Description - SLZ12V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
SZMMSZ5238BT1G ONSEMI-SZMMSZ5238BT1G Datasheet
130Kb / 7P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ4690T3G ONSEMI-MMSZ4690T3G Datasheet
150Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
logo
SeCoS Halbleitertechnol...
BZV55B SECOS-BZV55B Datasheet
215Kb / 3P
500 mW Sealed Glass Zener Voltage Regulators
BZV55C SECOS-BZV55C Datasheet
215Kb / 3P
500 mW Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
MMSZXXXET1G ONSEMI-MMSZXXXET1G Datasheet
157Kb / 6P
Zener Voltage Regulators 500 mW SOD-123 Surface Mount
January, 2012 - Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com