Electronic Components Datasheet Search
  English  ▼

X  

X9428WPI Datasheet(PDF) 12 Page - Xicor Inc.

Part # X9428WPI
Description  Single Digitally Controlled Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9428WPI Datasheet(HTML) 12 Page - Xicor Inc.

Back Button X9428WPI Datasheet HTML 8Page - Xicor Inc. X9428WPI Datasheet HTML 9Page - Xicor Inc. X9428WPI Datasheet HTML 10Page - Xicor Inc. X9428WPI Datasheet HTML 11Page - Xicor Inc. X9428WPI Datasheet HTML 12Page - Xicor Inc. X9428WPI Datasheet HTML 13Page - Xicor Inc. X9428WPI Datasheet HTML 14Page - Xicor Inc. X9428WPI Datasheet HTML 15Page - Xicor Inc. X9428WPI Datasheet HTML 16Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
X9428
Characteristics subject to change without notice.
12 of 20
REV 1.1.5 7/8/03
www.xicor.com
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used
as a potentiometer.
(2) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potenti-
ometer. It is a measure of the error in step size.
(3) MI = RTOT/63 or (RH—RL)/63, single pot
(4) Max. = all four arrays cascaded together, Typical = individual array resolutions.
ENDURANCE AND DATA RETENTION
CAPACITANCE
POWER-UP TIMING
POWER-UP AND POWER-DOWN
There are no restrictions on the power-up or power-down sequencing of the bias supplies VCC, V+, and V- provided
that all three supplies reach their final values within 1msec of each other. However, at all times, the voltages on the
potentiometer pins must be less than V+ and more than V–. The recall of the wiper position from nonvolatile
memory is not in effect until all supplies reach their final value.
Notes: (5) This parameter is periodically sampled and not 100% tested
(6) tPUR and tPUW are the delays required from the time the third (last) power supply (VCC, V+ or V-) is stable until the specific
instruction can be issued. These parameters are periodically sampled and not 100% tested.
(7) Sample tested only.
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
ICC1
VCC supply current
(nonvolatile write)
1mA
fSCL = 400kHz, SDA = Open,
Other Inputs = VSS
ICC2
VCC supply current
(move wiper, write, read)
100
µA
fSCL = 400kHz, SDA = Open,
Other Inputs = VSS
ISB
VCC current (standby)
1
µA
SCL = SDA = VCC, Addr. = VSS
ILI
Input leakage current
10
µA
VIN = VSS to VCC
ILO
Output leakage current
10
µA
VOUT = VSS to VCC
VIH
Input HIGH voltage
VCC x 0.7
VCC x 0.5
V
VIL
Input LOW voltage
–0.5
VCC x 0.1
V
VOL
Output LOW voltage
0.4
V
IOL = 3mA
Parameter
Min.
Unit
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
Years
Symbol
Test
Max.
Unit
Test Conditions
CI/O
(5)
Input/output capacitance (SDA)
8
pF
VI/O = 0V
CIN
(5)
Input capacitance (A0, A1, A2, A3, and SCL)
6
pF
VIN = 0V
Symbol
Parameter
Min.
Typ.
Max.
Unit
tPUR
(6)
Power-up to initiation of read operation
1
ms
tPUW
(6)
Power-up to initiation of write operation
5
ms
tRVCC
(7)
VCC Power up ramp rate
0.2
50
V/msec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com