Electronic Components Datasheet Search
  English  ▼

X  

SMDJ Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMDJ
Description  3000W Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMDJ Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMDJ Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMDJ Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMDJ Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMDJ Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMDJ SERIES
5V ~ 190V
3000W Peak Power Surface Mount TVS
Elektronische Bauelemente
24-Jan-2011 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Part
Number
(see note)
Reverse
Standoff
Voltage
VRRM
Breakdown
Voltage
Test
Current
Max
Clamping
Voltage
VC @IPP
Peak
Pulse
Current
IPP
Reverse
Leakage
@VRRM
IR
Min
VBR @IT
Max
VBR @ IT
Uni
-direction
Bi
-direction
V
V
V
mA
V
A
μA
SMDJ5.0A
SMDJ5.0CA
5.0
6.40
7.00
10
9.2
326.1
1000
SMDJ6.0A
SMDJ6.0CA
6.0
6.67
7.37
10
10.3
291.3
1000
SMDJ6.5A
SMDJ6.5CA
6.5
7.22
7.98
10
11.2
267.9
500
SMDJ7.0A
SMDJ7.0CA
7.0
7.78
8.60
10
12.0
250.0
200
SMDJ7.5A
SMDJ7.5CA
7.5
8.33
9.21
1
12.9
232.6
100
SMDJ8.0A
SMDJ8.0CA
8.0
8.89
9.83
1
13.6
220.6
50
SMDJ8.5A
SMDJ8.5CA
8.5
9.44
10.4
1
14.4
208.3
25
SMDJ9.0A
SMDJ9.0CA
9.0
10.0
11.1
1
15.4
194.8
10
SMDJ10A
SMDJ10CA
10
11.1
12.3
1
17.0
176.5
5
SMDJ11A
SMDJ11CA
11
12.2
13.5
1
18.2
164.8
5
SMDJ12A
SMDJ12CA
12
13.3
14.7
1
19.9
150.8
5
SMDJ13A
SMDJ13CA
13
14.4
15.9
1
21.5
139.5
5
SMDJ14A
SMDJ14CA
14
15.6
17.2
1
23.2
129.3
5
SMDJ15A
SMDJ15CA
15
16.7
18.5
1
24.4
123.0
5
SMDJ16A
SMDJ16CA
16
17.8
19.7
1
26.0
115.4
5
SMDJ17A
SMDJ17CA
17
18.9
20.9
1
27.6
108.7
5
SMDJ18A
SMDJ18CA
18
20.0
22.1
1
29.2
102.7
5
SMDJ19A
SMDJ19CA
19
21.1
23.3
1
30.8
97.5
5
SMDJ20A
SMDJ20CA
20
22.2
24.5
1
32.4
92.6
5
SMDJ22A
SMDJ22CA
22
24.4
26.9
1
35.5
84.5
5
SMDJ24A
SMDJ24CA
24
26.7
29.5
1
38.9
77.1
5
SMDJ26A
SMDJ26CA
26
28.9
31.9
1
42.1
71.3
5
SMDJ28A
SMDJ28CA
28
31.1
34.4
1
45.4
66.1
5
SMDJ30A
SMDJ30CA
30
33.3
36.8
1
48.4
62
5
SMDJ33A
SMDJ33CA
33
36.7
40.6
1
53.3
56.3
5
SMDJ36A
SMDJ36CA
36
40.0
44.2
1
58.1
51.6
5
SMDJ40A
SMDJ40CA
40
44.4
49.1
1
64.5
46.5
5
SMDJ43A
SMDJ43CA
43
47.8
52.8
1
69.4
43.2
5
SMDJ45A
SMDJ45CA
45
50.0
55.3
1
72.7
41.3
5
SMDJ48A
SMDJ48CA
48
53.3
58.9
1
77.4
38.8
5
Notes:
1.
Suffix ’A’ denotes 5% tolerance device. Without ‘A’ denotes 10% tolerance device.
2.
Add suffix ‘CA’ after part number to specify Bi-directional devices.
3.
For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com