Electronic Components Datasheet Search
  English  ▼

X  

SMS2312 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS2312
Description  N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS2312 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS2312 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS2312 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS2312 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SMS2312
5A , 20V , RDS(ON) 32 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
24-Feb-2017 Rev. C
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS=0, ID=250µA
Gate-Threshold Voltage
VGS(th)
0.45
-
1
V
VDS=VGS, ID=250µA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±8V, VDS=0
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=20V, VGS=0
Forward Transfer conductance
gfs
6
-
-
S
VDS=10V, ID=5A
Diode Forward Voltage
4
VSD
-
0.75
1.2
V
IS=4A, VGS=0
-
-
32
VGS=4.5V, ID=5A
-
-
36
VGS=2.5V, ID=4.7A
Static Drain-Source On-Resistance
4
RDS(ON)
-
-
42
m
VGS=1.8V, ID=4.3A
Switching Parameters
Input Capacitance
Ciss
-
865
-
Output Capacitance
Coss
-
105
-
Reverse Transfer Capacitance
Crss
-
55
-
pF
VGS =0
VDS=10V
f =1.0MHz
Turn-on Delay Time
Td(on)
-
10
-
Rise Time
Tr
-
20
-
Turn-off Delay Time
Td(off)
-
32
-
Fall Time
Tf
-
12
-
nS
VDD=10V
VGEN=5V
RG=1
RL=2.2
ID=4A
Gate Resistance
Rg
0.5
-
4.8
f =1.0MHz
Notes:
1. . The data tested by surface mounted on a 1 inch2 FR4 board with 2OZ copper.
2.
Surface mounted on min. copper pad.
3.
Pulse width limited by Max. junction temperature.
4.
Pulse Test : Pulse Width≤300µs, Duty Cycle ≤ 2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com