Electronic Components Datasheet Search
  English  ▼

X  

9858 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 9858
Description  N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9858 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  9858 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9858 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9858 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9858 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9858 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9858 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9858 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9858 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9858 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STGF7NB60SL
4/9
Figure 3: Output Characteristics
Figure 4: Transconductance
Figure 5: Collector-Emitter On Voltage vs Col-
lector Current
Figure 6: Transfer Characteristics
Figure 7: Collector-Emitter On Voltage vs Tem-
perature
Figure 8: Normalized Collector-Emitter On
Voltage vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com