Electronic Components Datasheet Search
  English  ▼

X  

ADC10065 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10065
Description  ADC10065 10-Bit 65 MSPS 3V A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10065 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC10065 Datasheet HTML 9Page - National Semiconductor (TI) ADC10065 Datasheet HTML 10Page - National Semiconductor (TI) ADC10065 Datasheet HTML 11Page - National Semiconductor (TI) ADC10065 Datasheet HTML 12Page - National Semiconductor (TI) ADC10065 Datasheet HTML 13Page - National Semiconductor (TI) ADC10065 Datasheet HTML 14Page - National Semiconductor (TI) ADC10065 Datasheet HTML 15Page - National Semiconductor (TI) ADC10065 Datasheet HTML 16Page - National Semiconductor (TI) ADC10065 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Typical Performance Characteristics Unless otherwise specified, the following specifications apply:
VSSA =VSSIO = 0V, VDDA = +3.0V, VDDIO = +2.5V, VIN =2VP-P, STBY = 0V, VREF = 1.2V, (External Supply) fCLK = 65 MHz,
fIN = 11 MHz, 50% Duty Cycle. (Continued)
SINAD vs. V
DDA
SINAD vs. V
DDIO
20077930
20077931
THD vs. Clock Duty Cycle
SINAD vs. Clock Duty Cycle
20077932
20077933
THD vs. Temperature
SINAD vs. Temperature
20077934
20077935
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com