Electronic Components Datasheet Search
  English  ▼

X  

BMT321 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BMT321
Description  0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BMT321 Datasheet(HTML) 2 Page - BeRex Corporation

  BMT321 Datasheet HTML 1Page - BeRex Corporation BMT321 Datasheet HTML 2Page - BeRex Corporation BMT321 Datasheet HTML 3Page - BeRex Corporation BMT321 Datasheet HTML 4Page - BeRex Corporation BMT321 Datasheet HTML 5Page - BeRex Corporation BMT321 Datasheet HTML 6Page - BeRex Corporation BMT321 Datasheet HTML 7Page - BeRex Corporation BMT321 Datasheet HTML 8Page - BeRex Corporation BMT321 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT321
BeRex
●website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
Rev. B
V-I Characteristics
BeRex Evaluation Board
Pin Configuration
Pin No.
Label
1,10,12
N/C
2,3
RF IN
4
IREF1
5
IREF2
6
VBias
7,8,9
RF OUT/VCC2
11
VCC1
Backside Paddle
GND
0
100
200
300
400
500
600
700
0
1
2
3
4
5
6
Vc [V]
+25C
-40C
+85C
Figure about the reference position of components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com