Electronic Components Datasheet Search
  English  ▼

X  

BU8877F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BU8877F
Description  Call Progress Tone Decoder for Telephone
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BU8877F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BU8877F Datasheet HTML 1Page - List of Unclassifed Manufacturers BU8877F Datasheet HTML 2Page - List of Unclassifed Manufacturers BU8877F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Block Diagram
Supply current operation 2-1
Minimum input signal level
Maximum input signal level
Must detect frequency range
Input Impedance
Call progress tone response time
Call pogress tone de-response time
Detect duty ratio
IDD2-1
VRECL
VRECH
VREJ
fV350
fV440
Zin
tRES
tDRES
mA
dBm
dBm
dBm
Hz
Hz
k
Ω
ms
ms
%
5.0
-
2
-
355
445
-
56
56
65
3.7
-
-
-
350
440
100
-
-
50
-
-38
-
-50
345
435
-
28
28
35
ENABLE="H"(VDD=5.0V)
Input frequency:
Must detect frequency range
VRECL, VRECH are proportional
to VDD.
Input signal level: 0dBm
Input frequency: 100Hz~2000Hz
Conditions
Symbol
Unit
Min.
Typ.
Max.
WDU
(Unless otherwise noted, Ta=25˚C, V
DD= 5.0V, Xtal frequency=3.58MHz)
Electrical characteristics
Parameter
Must not detect signal level
*Detect Duty Ratio which input signal (350Hz+440Hz) burst at 5Hz (Duty Ratio=50%)
350Hz
440Hz
*
VDD
VSS
ENABLE
VDD
VSS
ENABLE
INPUT
XIN
XOUT
DETECT
VREF
Timer
VREF
OSC
AGC
AAF
BPF
(350Hz)
Comparator
CLOCK
CLOCK
GENERATOR
BU8877/F
Comparator
BPF
(440Hz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com