Electronic Components Datasheet Search
  English  ▼

X  

SSD55P30J Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD55P30J
Description  P-Ch Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD55P30J Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD55P30J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD55P30J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD55P30J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SSD55P30J
-30A, -55V, RDS(ON) 40m
P-Ch Enhancement Mode Power MOSFET
13-Dec-2016 Rev.B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
TO-252(D-Pack)
CJU55P30
= Date Code
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
SSD55P30J uses advanced trench technology and design to provide
excellent RDS(ON) with low gate charge. It can be used in a wide variety
of applications.
FEATURES
High density cell design for ultra low RDS(ON)
Fully characterized avalanche voltage and current
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
APPLICATIONS
Power switching application
Hard switched and high frequency circuits
Uninterruptible Power Supply(UPS)
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-55
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
-30
A
Pulsed Drain Current
IDM
-120
A
Single Pulsed Avalanche Energy
1
EAS
225
mJ
Power Dissipation
PD
1.25
W
Thermal Resistance from Junction to Ambient
RθJA
100
°C/ W
Lead Temperature for Soldering Purposes@1/8’’
from case for 10s
TL
260
°C
Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Notes:
1.
Test condition: VDD= -25V, L=0.5mH, RG=25 , Starting TJ=25°C.
1
Gate
3
Source
2
Drain
A
C
D
N
O
P
G E
F
H
K
J
M
B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.90
J
2.186
2.386
B
4.95
5.50
K
0.64
1.14
C
2.10
2.50
M
0.50
1.14
D
0.43
0.9
N
1.3
1.8
E
6.0
7.5
O
0
0.13
F
2.90 REF
P
0.58REF.
G
5.40
6.40
H
0.60
1.20


Similar Part No. - SSD55P30J

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SSD5501 CALOGIC-SSD5501 Datasheet
120Kb / 2P
N-Channel Depletion-Mode 4-Channel DMOS FET Array
logo
List of Unclassifed Man...
SSD55N03 ETC2-SSD55N03 Datasheet
792Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
logo
SeCoS Halbleitertechnol...
SSD55N03 SECOS-SSD55N03 Datasheet
793Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SSD55N03 SECOS-SSD55N03_11 Datasheet
790Kb / 4P
55A, 25V, RDS(ON) 6m N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD55P30J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD20P15 SECOS-SSD20P15_15 Datasheet
447Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com