Electronic Components Datasheet Search
  English  ▼

X  

AB2S Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # AB2S
Description  Single Phase 0.5AMP Surface Mount Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

AB2S Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  AB2S Datasheet HTML 1Page - Chip Integration Technology Corporation AB2S Datasheet HTML 2Page - Chip Integration Technology Corporation AB2S Datasheet HTML 3Page - Chip Integration Technology Corporation AB2S Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Glass passivated die construction.
•
Low forward voltage drop.
•
High current capability.
•
High surge current capability.
•
Design for surface mount application.
•
Suffix “G” indicates Halogen free parts, ex AB2SG
•
Lead free in compliance with EU RoHS.
•
• Case : SOPA-4,Molded plastic, ABS
• Terminals :plated leads solderable per
MIL-STD-202, Method 208
• Polarity : as marked on case
• Mounting position: Any
• Marking: type number
AB2S SERIES
Single Phase 0.5AMP Surface Mount Glass Passivated Bridge Rectifiers
forward voltage
per element
@IF=0.5A
V
(V)
F M
Max. DC
blocking voltage
V
(V)
D C
Max.
RMS voltage
V
(V)
R M S
400
600
800
200
1000
Max.
repetitive peak
reverse voltage
V
(V)
R R M
400
600
800
200
1000
AB2S
AB10S
Symbol
400
600
800
200
1000
1.0
IF(AV)
I
F S M
I
R
Average rectified output current
Non-Repetitive Peak
Forward surge current
Peak Reverse current
at rated DC blocking voltage
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
T
= 25 C
A
O
T
= 125 C
A
Conditions
Symbol
Value
UNIT
5
A
A
uA
Document ID : DS-22B45
Revised Date : 2016/09/07
Revision : C1
0.5
O
T = 100 C (Note:1)
C
R
θ J A
Typical Thermal resistance
per leg
62.5
O C/W
T
J ,
Operating and Storage
temperature Range
-55 to +150
O C
■ Outline
R
θ J L
25
2
Note: 1.Mounted on glass epoxy PC board with 1.3mm solder pad.
T
S T G
Max.
Working peak
reverse voltage
V
(V)
RW M
140
280
420
560
700
Marking code
-
+
Rating for fusing (t<8.3ms)
2
I t
2.59
2
A s
25
200
0.028(0.7)
0.020(0.5)
■ Circuit Diagram
-
+
~
~
Main Product Characteristics
I
F ( AV )
0.5A
V
R R M
T
J
V
F ( Ty p )
200~1000V
O
150 C
1.0V
AB4S
AB6S
AB8S
Dimensions in inches and (millimeters)


Similar Part No. - AB2S

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
AB2S GWSEMI-AB2S Datasheet
68Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - AB2S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
logo
PACELEADER INDUSTRIAL
DF15005S PACELEADER-DF15005S Datasheet
150Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
CHENG-YI ELECTRONIC CO....
DF15005S CHENG-YI-DF15005S Datasheet
125Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
Vishay Siliconix
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
DIYI Electronic Technol...
MB05FN DYELEC-MB05FN Datasheet
780Kb / 2P
SINGLE PHASE 0.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIIER
MB05MN DYELEC-MB05MN Datasheet
1Mb / 2P
SINGLE PHASE 0.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05SN DYELEC-MB05SN Datasheet
1Mb / 2P
SINGLE PHASE 0.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DFL1002J GOOD-ARK-DFL1002J Datasheet
441Kb / 4P
Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
DFL2002J GOOD-ARK-DFL2002J Datasheet
440Kb / 4P
Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
DFL2202J GOOD-ARK-DFL2202J Datasheet
441Kb / 4P
Surface Mount Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com