Electronic Components Datasheet Search
  English  ▼

X  

AB102S Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # AB102S
Description  1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

AB102S Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  AB102S Datasheet HTML 1Page - Chip Integration Technology Corporation AB102S Datasheet HTML 2Page - Chip Integration Technology Corporation AB102S Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
Ideal for printed circuit board.
Ideal for automated replacement.
Reliable low cost construction utilizing molded plastic
technology results in inexpensive product.
Glass passivated chip junctions.
Ηigh temperature soldering guaranteed:
O
260 C /10 seconds
•
•
•
•
•
•
•
Rating to 1000V PRV.
Suffix "G" indicates Halogen-free part, ex.AB102SG.
ABS
• Case : Molded plastic, ABS
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Symbol molded on body
• Epoxy:UL94-V0 rated flame retardant
AB102S THRU AB110S
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Operating temperature
O
T ( C)
J
-55 ~ +150
Max.
forward voltage
O
@0.4A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
280
420
560
140
700
Max.
repetitive peak
reverse voltage
V
(V)
RRM
400
600
800
200
1000
Marking code
AB104S
AB106S
AB108S
AB102S
AB110S
Symbol
ABS4
ABS6
ABS8
ABS2
ABS10
400
600
800
200
1000
0.95
I
O
I
FSM
I
R
2
I t
Average rectified output current
Forward surge current
Reverse current
Current squared time
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
3.7
500
10
30
A
A
uA
2
A S
Document ID : DS-22B16
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
.177(4.50)
.056(1.42)
.006(0.15)
.028(0.7)
.059(1.50)
.200(5.1)
.028(0.70)
.169(4.30)
.012(0.3)
MAX
.193(4.9)
.024(0.60)
+
.002(0.05)
.161(4.1)
.154(3.9)
MAX
.252(6.4)
.236(6.0)
.010(0.25)
.006(0.15)
1.0
O
on aluminum substrate at T = 25 C
A
R
θJA
Thermal resistance
62.5
OC/W
T
STG
Storage temperature
-55
+150
OC
O
t < 8.3ms, T = 25 C
J
junction to ambient


Similar Part No. - AB102S

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
AB102S-A CITC-AB102S-A Datasheet
590Kb / 4P
Single Phase 0.8AMP Surface Mount Glass Passivated Bridge Rectifiers
AB102S-B CITC-AB102S-B Datasheet
227Kb / 4P
Single Phase 1.0AMP Surface Mount
More results

Similar Description - AB102S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
Chip Integration Techno...
DB101S CITC-DB101S Datasheet
104Kb / 3P
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DF101 CITC-DF101 Datasheet
91Kb / 3P
1A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF101S CITC-DF101S Datasheet
93Kb / 3P
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DF1005 CITC-DF1005 Datasheet
151Kb / 3P
1A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF1005S CITC-DF1005S Datasheet
153Kb / 3P
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
MB1005S CITC-MB1005S Datasheet
151Kb / 3P
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com