Electronic Components Datasheet Search
  English  ▼

X  

AB110S Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # AB110S
Description  1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

AB110S Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  AB110S Datasheet HTML 1Page - Chip Integration Technology Corporation AB110S Datasheet HTML 2Page - Chip Integration Technology Corporation AB110S Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Document ID : DS-22B16
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
INSTANTANEOUS FORWARD VOLTAGE(V)
0
20
40
60
80
100
120
140
160
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
AMBIENT TEMPERATURE(
)
OC
NUMBER OF CYCLES AT 60HZ
PERCENT OF RATED REVERSE VOLTAGE(%)
0
15
7.5
22.5
37.5
30
1
10
5
50
100
O
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
FIG.1-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENTPER
FIG.2-MAXIMUM FORWARD CURRENT DERATING CURVE
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
PER BRIDGE ELEMENT
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
AB102S THRU AB110S
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
0
20
40
60
80
100
0.01
0.1
1.0
10
100
o
T =25 C
J
o
T =150 C
J
0.4
0.6
0.8
1.0
1.2
1.4
6
1.0
0.1
0.01
o
T =25 C
A
on aluminum substrate



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com