Electronic Components Datasheet Search
  English  ▼

X  

B140WS Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # B140WS
Description  1A Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

B140WS Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  B140WS Datasheet HTML 1Page - Chip Integration Technology Corporation B140WS Datasheet HTML 2Page - Chip Integration Technology Corporation B140WS Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
• Tiny plastic SMD package.
Low power loss, high efficiency.
•
High current capability, low forward voltage drop.
•
High surge capability.
•
Guardring for overvoltage protection.
•
Ultra high-speed switching.
•
Silicon epitaxial planar chip, metal silicon junction.
•
Suffix "G" indicates Halogen-free part, ex.B140WSG.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-323
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.0002 ounce, 0.005 gram
B140WS
1A Surface Mount Schottky Barrier Rectifiers
I
O
I
F S M
I
R
C
J
T
S T G
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
R R M
A
O
V
= V
T
= 100 C
R
R R M
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+150
120
20
0.1
1.0
3.0
A
A
mA
O C/W
O C
98
R
θ J A
Junction to ambient
Diode junction capacitance
pF
f=1MHz and applied 4V DC reverse voltage
Operating temperature
O
T ( C)
J
-55 ~ +150
Max. forward voltage
O
@1A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
R M S
28
Max.
repetitive peak
reverse voltage
V
(V)
R R M
40
Marking code
B140WS
Symbol
SL
40
0.60
Document ID : DS-12K0W
Revised Date : 2016/08
Revision : C1
Document ID : DS-12K0W
Revised Date : 2016/08
Revision : C1
Dimensions in inches and (millimeters)
■ Outline
SOD-323
Marking code
0.046 (1.17)Max.
0.071 (1.80)
0.059 (1.50)
0.107 (2.72)
0.097 (2.46)


Similar Part No. - B140WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B140WS DIODES-B140WS Datasheet
114Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS31543 Rev. 1 - 2
B140WS-7 DIODES-B140WS-7 Datasheet
114Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS31543 Rev. 1 - 2
B140WS DIODES-B140WS_15 Datasheet
102Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 3
More results

Similar Description - B140WS

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com