Electronic Components Datasheet Search
  English  ▼

X  

BAT54WS Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # BAT54WS
Description  200mA Surface Mount Small Signal Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

BAT54WS Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  BAT54WS Datasheet HTML 1Page - Chip Integration Technology Corporation BAT54WS Datasheet HTML 2Page - Chip Integration Technology Corporation BAT54WS Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Low current rectification and high speed switching.
•
mall surface mount type.
• S
Up to 200mA current capability.
•
Low forward voltage drop (VF = 1.00V typ. @100mA).
•
Silicon epitaxial planar chip, metal silicon junction.
•
High speed ( trr < 5 ns )
•
Suffix "G" indicates Halogen-free part, ex.BAT54WSG.
•
Lead-free parts for green partner, exceeds environmental
•
standards of MIL-STD-19500 /228
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-323
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.0002 ounce, 0.005 gram
BAT54WS
Document ID : DS-22K96
Revised Date : 2016/08
Revision : C1
200mA Surface Mount Small Signal Diodes
Characteristic
Symbol
Reverse Voltage
Marking code
V
R
30
V
F
V
( B R )
C
T
I
R
Reverse Breakdown Voltage
Characteristic
Symbol
MIN.
MAX.
UNIT
Vdc
UNIT
V
O C
Forward Power Dissipation(1)
200
P
F
-55 ~ +150
Junction Temperature
Forward Current(DC)
T
J
Total Capacitance
Reverse Voltage Leakage Current
uAdc
pF
nS
2.0
10
O
TA = 25 C
O
Derate above 25 C
I( ) = 10uAdc
B R
V = 25Vdc
R
V = 1.0, f = 1.0MHz
R
Forward Voltage
I = 0.1mAdc
F
I = 30mAdc
F
I = 100mAdc
F
Reverse Recovery Time
I = I = 10mAdc, V = 5.0Vdc, I
= 1.0mAdc, R = 100Ω
F
R
R
R ( R E C )
L
trr
mVdc
240
320
5.0
30
I
F
T
S T G
mA
O
mW/ C
mW
1. FR-5 = 1.0 x 0.75 x 0.062 in.
BAT54WS
JV
Storage Temperature
+125
O C
2.0
200
TYP.
7.6
0.5
I = 1.0mAdc
F
I = 10mAdc
F
Repetitive Peak Forward Current
Forward Current(DC)
Non-Repetitive Peak Forward Current
t < 1.0s
I
F S M
I
F R M
I
F
300
400
200
mAdc
mAdc
mAdc
400
290
350
500
1000
410
520
220
Dimensions in inches and (millimeters)
■ Outline
SOD-323
Marking code
0.046 (1.17)Max.
0.071 (1.80)
0.059 (1.50)
0.107 (2.72)
0.097 (2.46)


Similar Part No. - BAT54WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54WS PANJIT-BAT54WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
BAT54WS WTE-BAT54WS Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 4 - 2
logo
General Semiconductor
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
85Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 8 - 2
More results

Similar Description - BAT54WS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
BAT42WS FORMOSA-BAT42WS_10 Datasheet
93Kb / 7P
200mA Surface Mount Small Signal Schottky Diodes-30V
BAT54WS FORMOSA-BAT54WS_11 Datasheet
102Kb / 7P
200mA Surface Mount Small Signal Schottky Diodes-30V
RB521S FORMOSA-RB521S_10 Datasheet
110Kb / 7P
200mA Surface Mount Small Signal Schottky Diodes-30V
logo
Chip Integration Techno...
BAS40 CITC-BAS40 Datasheet
167Kb / 3P
200mA Surface Mount Small Signal Diodes
BAT42W CITC-BAT42W Datasheet
90Kb / 3P
200mA Surface Mount Small Signal Diodes
BAT42WS CITC-BAT42WS Datasheet
90Kb / 3P
200mA Surface Mount Small Signal Diodes
BAT54 CITC-BAT54 Datasheet
158Kb / 3P
200mA Surface Mount Small Signal Diodes
BAT54W CITC-BAT54W Datasheet
156Kb / 3P
200mA Surface Mount Small Signal Diodes
RB520S CITC-RB520S Datasheet
100Kb / 3P
200mA Surface Mount Small Signal Diodes
RB520S-40 CITC-RB520S-40 Datasheet
91Kb / 3P
200mA Surface Mount Small Signal Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com