Electronic Components Datasheet Search
  English  ▼

X  

P6SMB Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # P6SMB
Description  6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

P6SMB Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  P6SMB Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd P6SMB Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UNI/BI-DIRECTIONAL 6.8 to 440Volts 600W SMD TRANSIENT VOLTAGE SUPPRESSORS
3. For Bi-Directional devices having V
2. V
Notes:
1. Suffix C denotes Bi-directional device.
3 of 5
BR measured with IT current pulse = 300
ms
RWM of 10V and under, the IR is doubled.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P6SMB6.8
P6SMB6.8A
P6SMB7.5
P6SMB7.5A
P6SMB6.8C
P6SMB6.8CA
P6SMB7.5C
P6SMB7.5CA
5.50
5.80
6.05
6.40
6.12
6.45
6.75
7.13
7.48
7.14
8.25
7.88
10.0
10.0
10.0
10.0
10.8
10.5
11.7
11.3
55.6
57.1
51.3
53.1
1000.0
1000.0
500.0
500.0
P6SMB8.2
P6SMB8.2A
P6SMB9.1
P6SMB9.1A
P6SMB8.2C
P6SMB8.2CA
P6SMB9.1C
P6SMB9.1CA
6.63
7.02
7.37
7.78
7.38
7.79
8.19
8.65
9.02
8.61
10.0
9.55
10.0
10.0
1.0
1.0
12.5
12.1
13.8
13.4
48.0
49.6
43.5
44.8
200.0
200.0
50.0
50.0
P6SMB10
P6SMB10A
P6SMB11
P6SMB11A
P6SMB10C
P6SMB10CA
P6SMB11C
P6SMB11CA
8.10
8.55
8.92
9.40
9.00
9.50
9.90
10.5
11.0
10.5
12.1
11.6
1.0
1.0
1.0
1.0
15.0
14.5
16.2
15.6
40.0
41.4
37.0
38.5
10.0
10.0
5.0
5.0
P6SMB12
P6SMB12A
P6SMB13
P6SMB13A
P6SMB12C
P6SMB12CA
P6SMB13C
P6SMB13CA
9.72
10.2
10.5
11.1
10.8
11.4
11.7
12.4
13.2
12.6
14.3
13.7
1.0
1.0
1.0
1.0
17.3
16.7
19.0
18.2
34.7
35.9
31.6
33.0
5.0
5.0
5.0
5.0
P6SMB15
P6SMB15A
P6SMB16
P6SMB16A
P6SMB15C
P6SMB15CA
P6SMB16C
P6SMB16CA
12.1
12.8
12.9
13.6
13.5
14.3
14.4
15.2
16.5
15.8
17.6
16.8
1.0
1.0
1.0
1.0
22.0
21.2
23.5
22.5
27.3
28.3
25.5
26.7
5.0
5.0
5.0
5.0
P6SMB18
P6SMB18A
P6SMB20
P6SMB20A
P6SMB18C
P6SMB18CA
P6SMB20C
P6SMB20CA
14.5
15.3
16.2
17.1
16.2
17.1
18.0
19.0
19.8
18.9
22.0
21.0
1.0
1.0
1.0
1.0
26.5
25.2
29.1
27.7
22.6
23.8
20.6
21.7
5.0
5.0
5.0
5.0
P6SMB22
P6SMB22A
P6SMB24
P6SMB24A
P6SMB22C
P6SMB22CA
P6SMB24C
P6SMB24CA
17.8
18.8
19.4
20.5
19.8
20.9
21.6
22.8
24.2
23.1
26.4
25.2
1.0
1.0
1.0
1.0
31.9
30.6
34.7
33.2
18.8
19.6
17.3
18.1
5.0
5.0
5.0
5.0
P6SMB27
P6SMB27A
P6SMB30
P6SMB30A
P6SMB27C
P6SMB27CA
P6SMB30C
P6SMB30CA
21.8
23.1
24.3
25.6
24.3
25.7
27.0
28.5
29.7
28.4
33.0
31.5
1.0
1.0
1.0
1.0
39.1
37.5
43.5
41.4
15.3
16.0
13.8
14.5
5.0
5.0
5.0
5.0
P6SMB SERIES
P6SMB SERIES
Alldatasheet



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com