Electronic Components Datasheet Search
  English  ▼

X  

S2AF Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # S2AF
Description  2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

S2AF Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  S2AF Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd S2AF Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2AF-S2MF
1 of 2
S2AF-S2MF
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Features
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TL = 110°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
55
A
Forward Voltage
@IF = 2.0A
VFM
1.10
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
200
µA
Reverse Recovery Time (Note 1)
trr
2.5
µS
Typical Junction Capacitance (Note 2)
Cj
30
pF
Typical Thermal Resistance (Note 3)
RJL
16
K/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A,
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
Features
SMAF
Surge Overload Rating to 55A Peak
Ideally Suited for Automatic Assembly
Built-in Strain Relief
Classification Rating 94V-O
Low Power Loss
Weight: 0.037 grams (approx.)
Features
!
!
Low Forward Voltage Drop
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
!
Lead Free: For RoHS / Lead Free Version
3.60
3.20
2.80
2.40
Dim
Min
Max
A
B
C
D
E
F
G
All Dimensions in mm
0.20
0.10
4.80
4.40
1.10
0.90
0.90
-
1.43
1.38
Case: SMAF, Molded Plastic
A
B
C
D
F
E
G
Symbol
S2AF
S2BF
S2DF
S2GF
S2JF
S2KF
S2MF
Unit


Similar Part No. - S2AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S2AF ETC2-S2AF Datasheet
525Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Guangdong Kexin Industr...
S2AF KEXIN-S2AF Datasheet
1Mb / 3P
Rectifier Diodes
logo
Microdiode Semiconducto...
S2AF CHENDA-S2AF Datasheet
626Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S2AF YFWDIODE-S2AF Datasheet
116Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
SUNMATE electronic Co.,...
S2AF SUNMATE-S2AF Datasheet
364Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
More results

Similar Description - S2AF

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
S2A WTE-S2A Datasheet
41Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Daya Electric Group Co....
S2A DAYA-S2A Datasheet
46Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2KDF DIODES-S2KDF Datasheet
441Kb / 5P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 4
S2KDFQ DIODES-S2KDFQ Datasheet
350Kb / 5P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
logo
Sangdest Microelectroni...
S2A-M SMC-S2A-M Datasheet
176Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
S2A ZSELEC-S2A Datasheet
113Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2ABF ZSELEC-S2ABF Datasheet
167Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2AW ZSELEC-S2AW Datasheet
87Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GS2A ZSELEC-GS2A Datasheet
106Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GF2A ZSELEC-GF2A Datasheet
74Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com