Electronic Components Datasheet Search
  English  ▼

X  

HTU21D Datasheet(PDF) 2 Page - Humirel

Part # HTU21D
Description  MEAS HTU21D XPLAINED PRO BOARD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTU21D Datasheet(HTML) 2 Page - Humirel

  HTU21D Datasheet HTML 1Page - Humirel HTU21D Datasheet HTML 2Page - Humirel HTU21D Datasheet HTML 3Page - Humirel HTU21D Datasheet HTML 4Page - Humirel HTU21D Datasheet HTML 5Page - Humirel HTU21D Datasheet HTML 6Page - Humirel HTU21D Datasheet HTML 7Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MEAS HTU21D XPLAINED PRO BOARD
Digital Humidity DCS Development Tools
SENSOR SOLUTIONS /// MEAS HTU21D XPLAINED PRO BOARD
062017
Page 2
Connector Pin Assignments (I2C Communications)
System Plug
Dimensions (mm)
Detailed Description
I2C Interface
The peripheral module can interface to the host being plugged directly into an Xplained Pro extension port (configured for I2C)
through connector JP1.
External Control Signals
The IC operates as an I2C slave using the standard 2 wire I2C connection scheme. The IC is controlled either by the host
(through the Xplained Pro connector). In cases where one or more of the SCL and SDA signals are driven from an external
source, 10k resistors R1, R2 provide pull-up. However, this also increases the apparent load to the external driving source. If
the external source is not capable of driving these loads (10k), they should be removed.
Reference Materials
The complete software kit is available for download at: Link to HTU21D_CPROJ.zip
Connector JP1
Pin No.
Signal
Description
Pin No.
Signal
Description
1
ID
Hardware identification
11
SDA
TWI Serial Data
2
GND
Ground
12
SCL
TWI Serial Clock
3
N/C
Not Connected
13
N/C
Not Connected
4
N/C
Not Connected
14
N/C
Not Connected
5
N/C
Not Connected
15
N/C
Not Connected
6
N/C
Not Connected
16
N/C
Not Connected
7
N/C
Not Connected
17
N/C
Not Connected
8
N/C
Not Connected
18
N/C
Not Connected
9
N/C
Not Connected
19
GND
Ground
10
N/C
Not Connected
20
Vdd
Power Supply



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com