Electronic Components Datasheet Search
  English  ▼

X  

TSHA6203 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSHA6203
Description  Infrared Emitting Diode, 875 nm, GaAlAs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA6203 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSHA6203 Datasheet HTML 1Page - Vishay Siliconix TSHA6203 Datasheet HTML 2Page - Vishay Siliconix TSHA6203 Datasheet HTML 3Page - Vishay Siliconix TSHA6203 Datasheet HTML 4Page - Vishay Siliconix TSHA6203 Datasheet HTML 5Page - Vishay Siliconix TSHA6203 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSHA6200, TSHA6201, TSHA6202, TSHA6203
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 24-Aug-11
3
Document Number: 81021
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 3 - Pulse Forward Current vs. Pulse Duration
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Forward Voltage vs. Ambient Temperature
Fig. 6 - Radiant Intensity vs. Forward Current
TYPE DEDICATED CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 1 A, tp = 100 μs
TSHA6200
VF
2.8
3.5
V
TSHA6201
VF
2.8
3.5
V
TSHA6202
VF
2.8
3.5
V
TSHA6203
VF
2.8
3.5
V
Radiant intensity
IF = 100 mA, tp = 20 ms
TSHA6200
Ie
25
40
125
mW/sr
TSHA6201
Ie
30
50
125
mW/sr
TSHA6202
Ie
36
60
125
mW/sr
TSHA6203
Ie
50
65
125
mW/sr
IF = 1 A, tp = 100 μs
TSHA6200
Ie
200
330
mW/sr
TSHA6201
Ie
260
400
mW/sr
TSHA6202
Ie
330
460
mW/sr
TSHA6203
Ie
400
530
mW/sr
Radiant power
IF = 100 mA, tp = 20 ms
TSHA6200
φe
22
mW
TSHA6201
φe
23
mW
TSHA6202
φe
24
mW
TSHA6203
φe
25
mW
t p - Pulse Duration (ms)
94 8003
100
101
101
10-1
10-1
100
102
10-2
t p/T= 0.01
IFSM = 2.5 A (single pause)
0.05
0.1
0.2
0.5
VF - Forward Voltage (V)
94 8005
101
102
103
104
t
p = 100 µs
t
p/T= 0.001
4
3
2
1
0
0.7
0.8
0.9
1.0
1.1
1.2
94 7990
T
amb - Ambient Temperature (°C)
100
80
60
40
20
0
I
F = 10 mA
IF - Forward Current (mA)
94 8745
103
101
102
104
100
1
10
100
1000
TSHA 6200
TSHA 6201
TSHA 6202
TSHA 6203



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com