Electronic Components Datasheet Search
  English  ▼

X  

MAX3181 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3181
Description  3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3181 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3181 Datasheet HTML 1Page - Maxim Integrated Products MAX3181 Datasheet HTML 2Page - Maxim Integrated Products MAX3181 Datasheet HTML 3Page - Maxim Integrated Products MAX3181 Datasheet HTML 4Page - Maxim Integrated Products MAX3181 Datasheet HTML 5Page - Maxim Integrated Products MAX3181 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
+3V to +5.5V, 1.5Mbps
RS-232 Receivers in SOT23-5
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5.0V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
RIN to GND ..........................................................................±25V
EN, ROUT, INVALID to GND ......................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
SOT23-5 (derate 7.1mW/°C above +70°C)...................571mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ISOURCE = 1.0mA
VCC = 3.3V or 5V, RIN = VCC or GND, no load
Negative threshold
Positive threshold
VCC = 5.0V
VCC = 3.3V
ISINK = 1.6mA
VCC = 5.0V
VCC = 3.3V
VCC = 3.3V
VCC = 5.0V
CONDITIONS
k
Ω
35
7
RRIN
Input Resistance
V
VCC -
VCC -
0.6
0.1
VOH
Output Voltage High
V
-0.3
0.3
VITOL
RIN Threshold to INVALID
Output Low
V
-2.7
VITOH
ISOURCE = 1.0mA
2.7
V
RIN Threshold to INVALID
Output High
mV
300
VHYST
Input Hysteresis
V
1.8
2.7
VITH
Input Threshold High
1.5
2.4
VCC -
0.6
VIOH
V
0.8
1.5
VITL
Input Threshold Low
0.6
1.2
INVALID Output Voltage High
V
-25
25
VRIN
Input Voltage Range
µA
0.5
5
ICC
Supply Current
V
3.0
5.5
VCC
Supply Voltage
V
0.4
VIOL
INVALID Output Voltage Low
µA
±0.01
±1.0
IEN
Leakage Current
V
0.8
VIL
Logic Threshold Low
2.0
ISINK = 1.6mA
V
2.4
VIH
Logic Threshold High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Receiver disabled
V
0.4
VOL
Output Voltage Low
µA
±0.05
±10
IROUT
Output Leakage Current
DC CHARACTERISTICS
LOGIC INPUT (EN)
LOGIC OUTPUT
RECEIVER INPUT
RECEIVER OUTPUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com