Electronic Components Datasheet Search
  English  ▼

X  

MIC4120 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4120
Description  6A-Peak Low-Side MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4120 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4120 Datasheet HTML 1Page - Micrel Semiconductor MIC4120 Datasheet HTML 2Page - Micrel Semiconductor MIC4120 Datasheet HTML 3Page - Micrel Semiconductor MIC4120 Datasheet HTML 4Page - Micrel Semiconductor MIC4120 Datasheet HTML 5Page - Micrel Semiconductor MIC4120 Datasheet HTML 6Page - Micrel Semiconductor MIC4120 Datasheet HTML 7Page - Micrel Semiconductor MIC4120 Datasheet HTML 8Page - Micrel Semiconductor MIC4120 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MIC4120/4129
Micrel
M9999-123104
4
December 2004
Figure 1. Inverting Driver Switching Time
IN
MIC4129
OUT
2500pF
VS = 20V
0.1µF
1.0µF
0.1µF
IN
MIC4120
OUT
2500pF
VS = 20V
0.1µF
1.0µF
0.1µF
tD1
90%
10%
tF
10%
0V
5V
tD2
tR
V S
OUTPUT
INPUT
90%
0V
tPW ≥ 0.5µs
2.5V
tPW
90%
10%
tR
10%
0V
5V
tF
V S
OUTPUT
INPUT
90%
0V
tPW ≥ 0.5µs
tD1
tD2
tPW
2.5V
Figure 2. Noninverting Driver Switching Time
Test Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com