Electronic Components Datasheet Search
  English  ▼

X  

SL1545 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SL1545
Description  15A SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SL1545 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SL1545 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SL1545 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SL1545 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
R
FIG.2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.1
1
10
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
100
10
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
100
10000
1.0
4.0
10
100
1000
TJ=25
o
C
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=100
o
C
TJ=25
o
C
TJ = 25
o
C
f = 1.0 MHZ
Vsig = 50mVp-p
SL1560
SL1545-SL1550
SL1580
SL15100
SL15150 SL15200
FIG.1 - FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE,
oC
FIG.3 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
75
100
125
150
175
200
1
10
100
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
2 of 3
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
SL1545-SL15200
SL1545-SL15200
225
250
275
25.0
20.0
10.0
5.0
15.0
0
0
50
100
150
LEAD TEMPERATURE,
oC
60 Hz Resistive or
Inductive load



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com