Electronic Components Datasheet Search
  English  ▼

X  

N435 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # N435
Description  ISO/IEC JTC 1/SIC 2/WG 3 7-bit and 8-bit codes and their extension SECRETARIAT : ELOT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

N435 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  N435 Datasheet HTML 1Page - List of Unclassifed Manufacturers N435 Datasheet HTML 2Page - List of Unclassifed Manufacturers N435 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
,62,(&-7&6&:*N 435
Date : 1998-04-15
Contact 1: Secretariat ISO/IEC JTC 1/SC 2/WG 3 ELOT Mrs K.Velli (acting)
Acharnon 313, 111 45 Kato Patissia, ATHENS – GREECE
Tel: +30 1 22 80 001
Fax : +30 1 22 86 219 E-mail : kkb@elot.gr
Contact 2 : Convenor ISO/IEC JTC 1/SC 2/WG 3 Mr E.Melagrakis
Acharnon 313, 111 45 Kato Patissia, ATHENS – GREECE
Tel: +30 1 22 80 001
Fax : +30 1 22 86 219 E-mail: eem@elot.gr
,62,(&-7&6&:*
ELWDQGELWFRGHVDQGWKHLUH[WHQVLRQ
6(&5(7$5,$7(/27
TITLE :
Use of Collection Identifiers for Identifying Sub- Repertoires of
10646
SOURCE :
USA (ANSI) and Canada
PROJECT:
JTC 1.02.16
STATUS :
Member body positions
ACTION ID :
For the consideration of WG 2 and WG 3
DUE DATE :
---
DISTRIBUTION :
P, O and L Members of ISO/IEC JTC 1/SC 2
WG Conveners, Secretariats
WG 3 Members
ISO/IEC JTC 1 Secretariat
ISO/IEC ITTF
MEDIUM :
P
NO OF PAGES :
3


Similar Part No. - N435

ManufacturerPart #DatasheetDescription
logo
LUMEL S.A.
N43 LUMEL-N43 Datasheet
610Kb / 2P
RAIL MOUNTED POWER NETWORK METER
logo
Microsemi Corporation
N43100B1EB1S MICROSEMI-N43100B1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
N43100B1EN1S MICROSEMI-N43100B1EN1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
N43100C1EB1S MICROSEMI-N43100C1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
N43100C1EN1S MICROSEMI-N43100C1EN1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
More results

Similar Description - N435

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N413 ETC-N413 Datasheet
195Kb / 15P
7-bit and 8-bit codes and their extension
N450 ETC-N450 Datasheet
46Kb / 5P
7-bit and 8-bit codes and their extension
N465 ETC-N465 Datasheet
103Kb / 2P
7-bit and 8-bit codes and their extension
N1705 ETC-N1705 Datasheet
8Kb / 2P
7-bit and 8-bit codes and their extension
N457 ETC-N457 Datasheet
1Mb / 11P
ISO/IEC JTC 1/SIC 2/WG 3 7-bit and 8-bit codes and their extension SECRETARIAT : ELOT
N501 ETC-N501 Datasheet
26Kb / 3P
ISO/IEC JTC 1/SIC 2/WG 3 7-bit and 8-bit codes and their extension SECRETARIAT : ELOT
logo
STMicroelectronics
LRI2K STMICROELECTRONICS-LRI2K Datasheet
760Kb / 89P
13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
20-Jul-2007
LRI2K STMICROELECTRONICS-LRI2K_08 Datasheet
769Kb / 89P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
08-Apr-2008
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
27-Oct-2011
logo
List of Unclassifed Man...
DWA1789IR ETC-DWA1789IR Datasheet
301Kb / 1P
Drill Bit Set, Impact Ready, 2 Step, 7/8" - 1 1/8"
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com