Electronic Components Datasheet Search
  English  ▼

X  

N457 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # N457
Description  ISO/IEC JTC 1/SIC 2/WG 3 7-bit and 8-bit codes and their extension SECRETARIAT : ELOT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

N457 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  N457 Datasheet HTML 1Page - List of Unclassifed Manufacturers N457 Datasheet HTML 2Page - List of Unclassifed Manufacturers N457 Datasheet HTML 3Page - List of Unclassifed Manufacturers N457 Datasheet HTML 4Page - List of Unclassifed Manufacturers N457 Datasheet HTML 5Page - List of Unclassifed Manufacturers N457 Datasheet HTML 6Page - List of Unclassifed Manufacturers N457 Datasheet HTML 7Page - List of Unclassifed Manufacturers N457 Datasheet HTML 8Page - List of Unclassifed Manufacturers N457 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
,62,(&-7&6&:*
1
Date : 1998-04-15
&RQWDFW  6HFUHWDULDW ,62,(& -7& 6& :*  (/27 0UV .9HOOL DFWLQJ
$FKDUQRQ    .DWR 3DWLVVLD $7+(16 ± *5((&(
7HO      )D[       (PDLO  NNE#HORWJU
&RQWDFW   &RQYHQRU ,62,(& -7& 6& :*  0U (0HODJUDNLV
$FKDUQRQ    .DWR 3DWLVVLD $7+(16 ± *5((&(
7HO      )D[       (PDLO HHP#HORWJU
,62,(&-7&6&:*
ELWDQGELWFRGHVDQGWKHLUH[WHQVLRQ
6(&5(7$5,$7(/27
DOC TYPE :
Table of Replies
TITLE :
Table of replies for ISO/IEC DIS 8859-13, 8-bit single-byte coded
graphic character sets – Part 13 : Latin alphabet No.7
SOURCE :
ITTF
PROJECT:
JTC 1.02.20.13
STATUS :
The attached table of replies indicates that this DIS has been
approved. In accordance with ResolutionM07.24 adopted at the 7
WK
SC 2 plenary meeting held in Crete, Greece, 1997-07-08/09, the
project editor is requested to prepare a disposition of comment
report and a revised text
ACTION ID :
For SC 2 consideration and action
DUE DATE :
---
DISTRIBUTION :
P, O and L Members of ISO/IEC JTC 1/SC 2
WG Conveners, Secretariats
WG 3 Members
ISO/IEC JTC 1 Secretariat
ISO/IEC ITTF
MEDIUM :
P, Def
NO OF PAGES :
11


Similar Part No. - N457

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N457-001-50 TRIPPLITE-N457-001-50 Datasheet
160Kb / 2P
Duplex Multimode 50/125 Fiber Adapter (LC-ST M/F) 0.3M (1-ft.)
N457-001-62 TRIPPLITE-N457-001-62 Datasheet
154Kb / 2P
Duplex Multimode 62.5/125 Fiber Adapter (LC-ST M/F) 0.3M (1-ft.)
N45700150 TRIPPLITE-N45700150 Datasheet
485Kb / 2P
Duplex Multimode 50-125 Fiber Adapter (LC-ST M-F) 0.3M (1-ft.)
N45700162 TRIPPLITE-N45700162 Datasheet
469Kb / 2P
Duplex Multimode 62.5-125 Fiber Adapter (LC-ST M-F) 0.3M (1-ft.)
More results

Similar Description - N457

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N413 ETC-N413 Datasheet
195Kb / 15P
7-bit and 8-bit codes and their extension
N450 ETC-N450 Datasheet
46Kb / 5P
7-bit and 8-bit codes and their extension
N465 ETC-N465 Datasheet
103Kb / 2P
7-bit and 8-bit codes and their extension
N1705 ETC-N1705 Datasheet
8Kb / 2P
7-bit and 8-bit codes and their extension
N435 ETC-N435 Datasheet
41Kb / 3P
ISO/IEC JTC 1/SIC 2/WG 3 7-bit and 8-bit codes and their extension SECRETARIAT : ELOT
N501 ETC-N501 Datasheet
26Kb / 3P
ISO/IEC JTC 1/SIC 2/WG 3 7-bit and 8-bit codes and their extension SECRETARIAT : ELOT
logo
STMicroelectronics
LRI2K STMICROELECTRONICS-LRI2K Datasheet
760Kb / 89P
13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
20-Jul-2007
LRI2K STMICROELECTRONICS-LRI2K_08 Datasheet
769Kb / 89P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
08-Apr-2008
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
27-Oct-2011
logo
List of Unclassifed Man...
DWA1789IR ETC-DWA1789IR Datasheet
301Kb / 1P
Drill Bit Set, Impact Ready, 2 Step, 7/8" - 1 1/8"
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com