Electronic Components Datasheet Search
  English  ▼

X  

C1045C Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # C1045C
Description  10A Surface Mount Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

C1045C Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  C1045C Datasheet HTML 1Page - Chip Integration Technology Corporation C1045C Datasheet HTML 2Page - Chip Integration Technology Corporation C1045C Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Suffix "G" indicates Halogen-free part, ex.C1045CG.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
10A Surface Mount Trench Schottky Rectifier
I
O
I
F S M
R
θ J A
T , T
J
S T G
Forward rectified current
Forward surge current
Thermal resistance
Operating and Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
C1045C
UNIT
-65 ~ +150
10
120
A
A
O C/W
O C
60
R
θ J A
Junction to ambient(2)
O C/W
Junction to ambient(1)
102
V
F
I
R
Forward voltage drop
Reverse current
Parameter
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
18
0.45
mV
mA
MIN.
MAX.
Marking code
C1045
O
I = 5A, T = 25 C
F
J
O
I = 8A, T = 25 C
F
J
480
430
O
I = 10A, T = 25 C
F
J
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
V
R M
V
RW M
V
R R M
45
V
V
R ( R M S )
RMS reverse voltage
32
V
550
O
V
= V
T = 100 C
R
R R M
J
100
Reverse breakdown voltage
I = 0.5mA
R
V
( B R ) R
45
V
Note : 1.FR-4 PCB, 2oz.Copper.
2.Polymide PCB, 2oz.Copper.Cathode pad dimensions 18.8mm x 14.4mm.Anode pad dimensions 5.6mm x 14.4mm.
C1045C
Document ID : DS-12KFG
Revised Date : 2014/07/24
Revision : C
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-214AB / SMC
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.007 ounce, 0.226 gram
Dimensions in inches and (millimeters)
SMC(DO-214AB)
Marking code
0.114 (2.90)
0.075 (1.90)
0.126 (3.20)
0.114 (2.86)
0.245 (6.22)
0.220 (5.59)
0.280 (7.11)
0.260 (6.52)
0.019 (0.485)
MAX.
0.325 (8.25)
0.305 (7.64)
0.063 (1.60)
0.030 (0.76)
0.008 (0.20)
0.004 (0.10)


Similar Part No. - C1045C

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C1045CS CITC-C1045CS Datasheet
81Kb / 3P
10A Trench Schottky Rectifier
More results

Similar Description - C1045C

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CD10L100S CITC-CD10L100S Datasheet
476Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10H100S CITC-CP10H100S Datasheet
473Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10L45S CITC-CP10L45S Datasheet
466Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10L100S CITC-CP10L100S Datasheet
468Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10M45SG CITC-CP10M45SG Datasheet
101Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10S45SG CITC-CP10S45SG Datasheet
101Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10S100S CITC-CP10S100S Datasheet
464Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10S120S CITC-CP10S120S Datasheet
464Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10U45SG CITC-CP10U45SG Datasheet
99Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP1045S CITC-CP1045S Datasheet
464Kb / 3P
10A Surface Mount Trench Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com