Electronic Components Datasheet Search
  English  ▼

X  

CF10S100CT Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CF10S100CT
Description  10A Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CF10S100CT Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CF10S100CT Datasheet HTML 1Page - Chip Integration Technology Corporation CF10S100CT Datasheet HTML 2Page - Chip Integration Technology Corporation CF10S100CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Fig.3 - Forward Current Derating Curve (per diode)
O
Ambient Temperature,T ( C)
A
50
75
100
125
150
175
6
4
2
10A Trench Schottky Rectifier
CF10S100CT
0.01
0.1
1
10
100
0
200
400
600
800
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
Fig. 1 - Instantaneous Forward
Characteristics (per diode)
Instantaneous Forward Voltage,V (Volts)
F
T =75°C
A
T =25°C
A
T =125°C
A
T =150°C
A
T =100°C
A
T =50°C
A
Reverse Voltage,V (V)
R
Fig. 2 - Reverse Characteristics (per diode)
O
T =25 C
A
O
T =75 C
A
O
T =150 C
A
O
T =125 C
A
O
T =50 C
A
O
T =100 C
A
Document ID : DS-11KF5
Revised Date : 2015/12/16
Revision : C3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com