Electronic Components Datasheet Search
  English  ▼

X  

CF40S100CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CF40S100CT
Description  40A Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CF40S100CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CF40S100CT Datasheet HTML 1Page - Chip Integration Technology Corporation CF40S100CT Datasheet HTML 2Page - Chip Integration Technology Corporation CF40S100CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
CF40S100CT
Forward voltage drop (per diode)
Reverse current (per diode)
Parameter
Note : 1.Thermal resistance from junction to case per leg, with heatsink size(1.35" x 0.95" x 0.18") Al-plate.
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
45
0.1
mV
mA
MIN.
MAX.
O
I = 20A, T = 25 C
F
J
O
I = 20A, T = 125 C
F
J
670
730
Document ID : DS-11KH2
Revised Date : 2015/07/14
Revision : C
I
O
I
F S M
I
R R M
T , T
J
S T G
Forward rectified current (total device)
Forward surge current (per diode)
Thermal resistance(1) (per diode)
Operating and Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CF40S100CT
UNIT
-40 ~ +150
40
300
A
A
O C/W
O C
2
R
θ J C
Junction to case
Peak repetitive reverse surge current
A
2us - 1kHz
1
Marking code
CF40S100CT
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
V
R M
V
RW M
V
R R M
100
V
(per diode)
40A Trench Schottky Rectifier
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC TO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
■ Outline
ITO-220AB
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.390(9.9)
0.408(10.36)
0.268(6.8)
0.283(7.2)
0.583(14.8)
0.598(15.2)
0.512(13.0)
0.543(13.8)
0.102(2.6)
0.150(3.8)
0.101(2.55)
0.112(2.85)
0.043(1.1)
0.053(1.35)
0.043(1.1)
0.053(1.35)
0.020(0.5)
0.028(0.7)
0.098(2.49)
0.102(2.59)
0.169(4.3)
0.185(4.7)
0.112(2.85)
0.128(3.25)
0.098(2.5)
0.114(2.9)
0.020(0.5)
0.028(0.7)
0.130(3.3)
0.134(3.5)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.383(9.72)
0.404(10.27)
0.248(6.3)
0.272(6.9)
0.571(14.5)
0.610(15.5)
0.516(13.1)
0.547(13.9)
-
0.161(4.1)
0.094(2.4)
0.126(3.2)
0.039(1.0)
0.051(1.3)
0.039(1.0)
0.051(1.3)
0.020(0.5)
0.035(0.9)
0.095(2.41)
0.105(2.67)
0.169(4.3)
0.189(4.8)
0.055(1.4)
0.122(3.1)
0.091(2.3)
0.117(2.96)
0.014(0.35)
0.031(0.8)
0.122(3.1)
0.142(3.6)
Alternate
PIN 1
PIN 3
PIN 2
Marking code
A
1
2
3
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP
Marking code
A
1
2
3
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP


Similar Part No. - CF40S100CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CF4050 ETC2-CF4050 Datasheet
109Kb / 3P
The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
Chip Integration Techno...
CF4060CT CITC-CF4060CT Datasheet
500Kb / 3P
40A High Power Schottky Barrier Rectifier
More results

Similar Description - CF40S100CT

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MBR5025L DIGITRON-MBR5025L Datasheet
212Kb / 2P
40A SCHOTTKY RECTIFIER
MBR4045WT DIGITRON-MBR4045WT Datasheet
142Kb / 2P
40A SCHOTTKY RECTIFIER
MBR4045PT DIGITRON-MBR4045PT Datasheet
149Kb / 2P
40A SCHOTTKY RECTIFIER
logo
Diodes Incorporated
SBRT40V100CT DIODES-SBRT40V100CT_15 Datasheet
210Kb / 5P
40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
Rev erse
logo
SeCoS Halbleitertechnol...
SBL40U120F SECOS-SBL40U120F Datasheet
268Kb / 2P
120V, 40A Low VF Trench Barrier Schottky Rectifier
logo
Chip Integration Techno...
C40S100CT CITC-C40S100CT Datasheet
497Kb / 3P
40A Trench Schottky Rectifier
C40S120CT CITC-C40S120CT Datasheet
466Kb / 3P
40A Trench Schottky Rectifier
CB40S100CT CITC-CB40S100CT Datasheet
690Kb / 3P
40A Trench Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSF40U100C TSC-TSF40U100C Datasheet
231Kb / 4P
40A, 100V Trench Schottky Rectifier
logo
Diodes Incorporated
SDT40H120CT DIODES-SDT40H120CT_V01 Datasheet
750Kb / 6P
40A TRENCH SCHOTTKY RECTIFIER
May 2022 Rev. 5 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com